Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM19PI Datasheet(PDF) 15 Page - Schurter Inc.

Part # MSM19PI
Description  Vandal-proof MSM switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM19PI Datasheet(HTML) 15 Page - Schurter Inc.

Back Button MSM19PI Datasheet HTML 9Page - Schurter Inc. MSM19PI Datasheet HTML 10Page - Schurter Inc. MSM19PI Datasheet HTML 11Page - Schurter Inc. MSM19PI Datasheet HTML 12Page - Schurter Inc. MSM19PI Datasheet HTML 13Page - Schurter Inc. MSM19PI Datasheet HTML 14Page - Schurter Inc. MSM19PI Datasheet HTML 15Page - Schurter Inc. MSM19PI Datasheet HTML 16Page - Schurter Inc. MSM19PI Datasheet HTML 17Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
5 QUALIFICATION TESTS
IP degree of protection
IP degree of protection IEC/DIN/EN/ 60529
IP 67
IK protection class
IK protection class DIN EN 50102
16 mm diam.: IK 06
19; 22; 30 mm diam.: IK 07
Salt spray test
Salt spray test according to DIN 50021- SS
24h, 48h and 96h residence time
The surface of the stainless steel material is covered with a molecular-passiv layer. Only under very
unfavourable conditions is it possible, that iron and rust molecules as well as base medals as foreign
substances(pollutions) the passiv layer penetrate, hence initiate the rust process.
The smoothness of the actuator was not affected. After the residence time the tested samples were
cleaned under running water and all rust spots removed.
6 Approvals
The listed approvals only refer to the micro switch and not to the complete switch.
Micro switch:
Type
Licence number
ENEC VDE
UL
1054
CSA C22.2 NO55
1050.1151 2A
97550
DIN EN 61058
E41791
1050.1102 5A
97550
DIN EN 61058
E41791
1050.1103 10A
97550
DIN EN 61058
E41791
SS-01 T
40008425
DIN EN 61058
E41515
SS-5 T
129246
DIN EN 61058
E41515
SS-10 T
125256
DIN EN 61058
E41515
DB 3GB1BA0,1A
DIN EN 61058
E23301
DB 2GB1BA 6A
DIN EN 61058
E23301
DB 1GB1BA 10A
DIN EN 61058
E23301
Changes that contribute to technical improvement are subject to alternations
Page
Production date:
Produced by:
Modification date: Modified by:
Modification No. Data sheet No.
Index
15 of 17
05.11.2004
Ullmer
26.04.2006
Birmelin
9224
105.9502
f
Print date: 26.04.2006 11:47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com