Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM22DPLE Datasheet(PDF) 9 Page - Schurter Inc.

Part # MSM22DPLE
Description  Vandal-proof MSM DP switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM22DPLE Datasheet(HTML) 9 Page - Schurter Inc.

Back Button MSM22DPLE Datasheet HTML 5Page - Schurter Inc. MSM22DPLE Datasheet HTML 6Page - Schurter Inc. MSM22DPLE Datasheet HTML 7Page - Schurter Inc. MSM22DPLE Datasheet HTML 8Page - Schurter Inc. MSM22DPLE Datasheet HTML 9Page - Schurter Inc. MSM22DPLE Datasheet HTML 10Page - Schurter Inc. MSM22DPLE Datasheet HTML 11Page - Schurter Inc. MSM22DPLE Datasheet HTML 12Page - Schurter Inc. MSM22DPLE Datasheet HTML 13Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
2.3
Actuator Tolerance Range
The mounting tolerance range of the actuator varies from 0.2 mm projection length and 0.2 mm
short length to the housing edge. The slanting position of the actuator can range within this
tolerance.
Changes that contribute to technical improvement are subject to alternations
Seite
Erstelldatum:
Ersteller:
Änderungsdatum: Geändert von:
Änderungs-Nr.
Datenblatt Nr.
Index
9 of 17
07.03.2008
Schillak
Schöchlin
9701
105.9534
a
Print date: 28/03/2008 08:31:00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com