Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM22DPLE Datasheet(PDF) 16 Page - Schurter Inc.

Part # MSM22DPLE
Description  Vandal-proof MSM DP switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM22DPLE Datasheet(HTML) 16 Page - Schurter Inc.

Back Button MSM22DPLE Datasheet HTML 9Page - Schurter Inc. MSM22DPLE Datasheet HTML 10Page - Schurter Inc. MSM22DPLE Datasheet HTML 11Page - Schurter Inc. MSM22DPLE Datasheet HTML 12Page - Schurter Inc. MSM22DPLE Datasheet HTML 13Page - Schurter Inc. MSM22DPLE Datasheet HTML 14Page - Schurter Inc. MSM22DPLE Datasheet HTML 15Page - Schurter Inc. MSM22DPLE Datasheet HTML 16Page - Schurter Inc. MSM22DPLE Datasheet HTML 17Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
Changes that contribute to technical improvement are subject to alternations
Seite
Erstelldatum:
Ersteller:
Änderungsdatum: Geändert von:
Änderungs-Nr.
Datenblatt Nr.
Index
16 of 17
07.03.2008
Schillak
Schöchlin
9701
105.9534
a
Print date: 28/03/2008 08:31:00
5
QUALIFICATION TEST
5.1
IP Protection Class
IP Protection Class IEC/DIN/EN/ 60529
IP 67
5.2
IK Protection Class
Tested Centrically
IK Protection Class DIN EN 50102
IK 07
5.3
ESD Protection
ESD-Test according to DIN 61000-4-2:
4kV Contact Discharge
MSM DP ST
Ø 19; 22; 30 mm
4kV Contact Discharge
MSM DP LE
Ø 19; 22; 30 mm
5.4
Salt Spray Test
Salt spray test according to DIN 50021- SS
24h, 48h and 96h residence time
The surface of the stainless steel material is covered with a molecular-passive layer. Only under very
unfavourable conditions it is possible, that iron and rust molecules as well as base metals penetrate
the passive layer as foreign substances (pollutions) and initiate the rust process.
The smoothness of the actuator was not affected. After the residence time the tested samples were
cleaned under running water and all rust spots could be removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com