Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5596-SH2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UR5596-SH2-R
Description  DDR TERMINATION REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5596-SH2-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UR5596-SH2-R Datasheet HTML 2Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 3Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 4Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 5Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 6Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 7Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 8Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 9Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UR5596
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 12
www.unisonic.com.tw
QW-R502-045,C
CAPACITOR SELECTION
A capacitor is recommended for improve performance during large load transients to prevent the input rail from
dropping, even though UR5596 does not require for input stability. The input capacitor should be located as close as
possible to the PVIN pin. The typical recommended value for AL electrolytic capacitors is 50 µF and 10 µF with X5R
or better for Ceramic capacitors. If AVIN and PVIN are separated, the 47µF capacitor should be placed as close to
possible to the PVIN rail. An additional 0.1uF ceramic capacitor can be placed on the AVIN rail to prevent excessive
noise from coupling into the device.
UTC UR5596 has been designed to be insensitive of output capacitor size or ESR (Equivalent Series Resistance).
The choice for output capacitor depends on the application and the requirements for load transient response of VTT.
As a general recommendation the output capacitor should be sized above 100 µF with a low ESR for SSTL
applications with DDR-SDRAM. The value of ESR should be determined by the maximum current spikes expected
and the extent at which the output voltage is allowed to droop.
THERMAL DISSIPATION
The UR5596 will generate heat result from internal power dissipation when current flow working. The device might
be damaged any beyond maximum junction temperature rating. The maximum allowable internal temperature rise
(TRmax) can be calculated given the maximum ambient temperature (TAmax) of the application and the maximum
allowable junction temperature (TJmax).
TRmax = TJmax − TAmax
From this equation, the maximum power dissipation (PDmax) of the part can be calculated:
PDmax = TRmax / θJA
The θJA of UR5596 can be calculated (refer to JEDEC standard) and will depend on several package type,
materials, ambient air temperature and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com