Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5596-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR5596-SH2-R
Description  DDR TERMINATION REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5596-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UR5596-SH2-R Datasheet HTML 1Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 2Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 3Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 4Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 5Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 6Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 7Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 8Page - Unisonic Technologies UR5596-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UR5596
CMOS IC
www.unisonic.com.tw
1 of 12
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-045,C
DDR TERMINATION
REGULATOR
DESCRIPTION
The UTC UR5596 is a linear bus termination regulator and
designed to meet JEDEC SSTL-2(Stub-Series Terminated Logic)
specifications for termination of DDR-SDRAM. It also can be
used in SSTL-3 or HSTL (High-Speed Transceiver Logic)
scheme. The device contains a high-speed OP AMP to provide
excellent response to the load transients, and can deliver 1.5A
continuous current and transient peaks up to 3A in the application
as required for DDR-SDRAM termination.
The UTC UR5596 also incorporates a VSENSE pin to provide
superior load regulation and a VREF output as a reference for the
chipset and DIMMs. Besides, an active low shutdown (SHDN) pin
provides Suspend To RAM (STR) functionality. When SHDN is
pulled low the VTT output will tri-state providing a high impedance
output, but, VREF will remain active. A power savings advantage
can be obtained in this mode through lower quiescent current.
Regarding the output, VTT is capable of sinking and sourcing
current while regulating the output voltage equal to VDDQ/2. The
output stage has been designed to maintain excellent load
regulation while preventing shoot through. The UTC UR5596 also
incorporates two distinct power rails that separates the analog
circuitry from the power output stage. This allows a split rail
approach to be utilized to decrease internal power dissipation and
permits UTC UR5596 to provide a termination solution for DDRII
SDRAM.
FEATURES
* Source and sink current
* Low output voltage offset
* No external resistors required
* Linear topology
* Suspend To Ram (STR) functionality
* Low external component count
* Thermal shutdown protection
*Pb-free plating product number: UR5596L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
UR5596-S08-R
UR5596L-S08-R
SOP-8
Tape Reel
UR5596-S08-T
UR5596L-S08-T
SOP-8
Tube
UR5596-SH2-R
UR5596L-SH2-R
HSOP-8
Tape Reel
UR5596-SH2-T
UR5596L-SH2-T
HSOP-8
Tube
UR5596L-S08-R
(1) Packing Type
(2) Package Type
(3) Lead Plating
(1) R: Tape Reel, T: Tube
(2) S08: SOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - UR5596-SH2-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UR5596-SH2-R ETL-UR5596-SH2-R Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
More results

Similar Description - UR5596-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
DDR TERMINATION REGULATOR
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
DDR Termination Regulator
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com