Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8711 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8711
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8711 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
w
WM8711 / WM8711L
Internet Audio DAC with Integrated Headphone Amplifier
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, April 2007, Rev 4.4
Copyright
©2006 Wolfson Microelectronics plc
DESCRIPTION
The WM8711 or WM8711L (WM8711/L) is a low power
stereo DAC with an integrated headphone driver. The
WM8711/L is designed specifically for portable MP3 audio
and speech players. The WM8711/L is also ideal for MD,
CD machines and DAT players.
Stereo 24-bit multi-bit sigma delta DACs are used with
oversampling digital interpolation filters. Digital audio input
word lengths from 16-32 bits and sampling rates from 8KHz
to 96KHz are supported.
Stereo audio outputs are buffered for driving headphones
from a programmable volume control, line level outputs are
also provided along with anti-thump mute and power
up/down circuitry.
The device is controlled via a 2 or 3 wire serial interface.
The interface provides access to all features including
volume controls, mutes, de-emphasis and extensive power
management facilities. The device is available in a small 28-
lead SSOP package or the smaller 28-lead QFN (5x5x0.9
mm Body) package.
A USB mode is provided where all audio rates can be
derived from a single 12MHz or 24MHz MCLK, saving on
the need for a PLL or multiple crystals.
FEATURES
•
Audio Performance
-
DAC SNR 100dB (‘A’ weighted) at AVDD = 3.3V
-
DAC SNR 90dB (‘A’ weighted) at AVDD = 1.8V
(WM8711L)
•
Low Power Headphone Playback
-
Down to 20mW at 3.3V
-
Down to 6mW at 1.8V (WM8711L)
-
1.42 – 3.6V Digital Supply Operation
-
2.7 – 3.6 V Analogue Supply Operation
-
1.8 – 3.6 V Analogue Supply Operation (‘L’ Variant)
•
DAC Sampling Frequency: 8KHz – 96KHz
•
2 or 3-Wire MPU Serial Control Interface
•
Programmable Audio Data Interface Modes
-
I
2S, Left, Right Justified or DSP
-
16/20/24/32 bit Word Lengths
-
Master or Slave Clocking Mode
•
Stereo Audio Outputs
•
Output Volume and Mute Controls
•
Highly Efficient Headphone Driver
•
28-lead SSOP or 28-lead QFN (5x5x0.9 mm) package
APPLICATIONS
•
Portable MP3 Players
•
CD and Minidisc Players
BLOCK DIAGRAM


Similar Part No. - WM8711

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
Internet Audio DAC with Integrated Headphone Driver
WM8711 WOLFSON-WM8711 Datasheet
128Kb / 2P
portable digital audio solutions
WM8711 WOLFSON-WM8711 Datasheet
536Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711BL WOLFSON-WM8711BL Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
logo
Cirrus Logic
WM8711BL CIRRUS-WM8711BL Datasheet
380Kb / 44P
Ultra-Small Audio DAC with Headphone Amplifier
More results

Similar Description - WM8711

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
Internet Audio DAC with Integrated Headphone Driver
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
logo
Wolfson Microelectronic...
WM8721 WOLFSON-WM8721_04 Datasheet
409Kb / 37P
Internet Audio DAC with Integrated Headphone Driver
WM8711 WOLFSON-WM8711_06 Datasheet
536Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711BL WOLFSON-WM8711BL_07 Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
logo
Asahi Kasei Microsystem...
AKD4368-B AKM-AKD4368-B Datasheet
586Kb / 32P
24bit DAC with integrated Headphone Amplifier
logo
Wolfson Microelectronic...
WM8711BL WOLFSON-WM8711BL_11 Datasheet
380Kb / 44P
Ultra-Small Audio DAC with Headphone Amplifier
WM8711L WOLFSON-WM8711L_11 Datasheet
445Kb / 44P
Internet Audio DAC with Integrated Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com