Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25LF080A Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST25LF080A
Description  8 Mbit SPI Serial Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25LF080A Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST25LF080A Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
EOL Product Data Sheet
8 Mbit SPI Serial Flash
SST25LF080A
13
©2006 Silicon Storage Technology, Inc.
S71248-06-EOL
1/06
Sector-Erase
The Sector-Erase instruction clears all bits in the selected 4
KByte sector to FFH. A Sector-Erase instruction applied to
a protected memory area will be ignored. Prior to any Write
operation, the Write-Enable (WREN) instruction must be
executed. CE# must remain active low for the duration of
the any command sequence. The Sector-Erase instruction
is initiated by executing an 8-bit command, 20H, followed
by
address
bits
[A23-A0]. Address bits [AMS-A12]
(AMS = Most Significant address) are used to determine the
sector address (SAX), remaining address bits can be VIL or
VIH. CE# must be driven high before the instruction is exe-
cuted. The user may poll the Busy bit in the software status
register or wait TSE for the completion of the internal self-
timed Sector-Erase cycle. See Figure 8 for the Sector-
Erase sequence.
FIGURE 8: SECTOR-ERASE SEQUENCE
Block-Erase
The Block-Erase instruction clears all bits in the selected 32
KByte block to FFH. A Block-Erase instruction applied to a
protected memory area will be ignored. Prior to any Write
operation, the Write-Enable (WREN) instruction must be
executed. CE# must remain active low for the duration of
any command sequence. The Block-Erase instruction is
initiated by executing an 8-bit command, 52H, followed by
address bits [A23-A0]. Address bits [AMS-A15] (AMS = Most
significant address) are used to determine block address
(BAX), remaining address bits can be VIL or VIH. CE# must
be driven high before the instruction is executed. The user
may poll the Busy bit in the software status register or wait
TBE for the completion of the internal self-timed Block-
Erase cycle. See Figure 9 for the Block-Erase sequence.
FIGURE 9: BLOCK-ERASE SEQUENCE
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
20
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
1248 F08.0
MSB
MSB
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
52
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
1248 F09.0
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com