Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF040 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST25VF040
Description  4 Mbit SPI Serial Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST25VF040 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 23Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
EOL Product Data Sheet
4 Mbit SPI Serial Flash
SST25VF040
21
©2006 Silicon Storage Technology, Inc.
S71231(04)-01-EOL
09/10
PRODUCT ORDERING INFORMATION
Valid combinations for SST25VF040
SST25VF040-20-4C-S2AE
SST25VF040-20-4C-QAE
SST25VF040-20-4I-S2AE
SST25VF040-20-4I-QAE
SST25VF040-20-4E-S2AE
SST25VF040-20-4E-QAE
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
Environmental Attribute
E1 = non-Pb
Package Modifier
A = 8 leads or contacts
Package Type
S2 = SOIC 200 mil body width
Q = WSON
Temperature Range
C = Commercial = 0°C to +70°C
I = Industrial = -40°C to +85°C
E = Extended = -20°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Operating Frequency
20 = 20 MHz
Device Density
040 = 4 Mbit
Voltage
V = 2.7-3.6V
Product Series
25 = Serial Peripheral Interface flash memory
1. Environmental suffix “E” denotes non-Pb solder.
SST non-Pb solder devices are “RoHS Compliant”.
Device
Speed
Suffix1
Suffix2
SST25VFXXX
-
XXX
-
XX-
X X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com