Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF040 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST25VF040
Description  4 Mbit SPI Serial Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST25VF040 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
EOL Product Data Sheet
4 Mbit SPI Serial Flash
SST25VF040
13
©2006 Silicon Storage Technology, Inc.
S71231(04)-01-EOL
09/10
Write-Enable (WREN)
The Write-Enable (WREN) instruction sets the Write-
Enable-Latch bit to 1 allowing Write operations to occur.
The WREN instruction must be executed prior to any Write
(Program/Erase) operation. CE# must be driven high
before the WREN instruction is executed.
FIGURE 12: Write Enable (WREN) Sequence
Write-Disable (WRDI)
The Write-Disable (WRDI) instruction resets the Write-
Enable-Latch bit and AAI bit to 0 disabling any new Write
operations from occurring. CE# must be driven high before
the WRDI instruction is executed.
FIGURE 13: Write Disable (WRDI) Sequence
Enable-Write-Status-Register (EWSR)
The Enable-Write-Status-Register (EWSR) instruction
arms the Write-Status-Register (WRSR) instruction and
opens the status register for alteration. The Enable-Write-
Status-Register instruction does not have any effect and
will be wasted, if it is not followed immediately by the Write-
Status-Register (WRSR) instruction. CE# must be driven
low before the EWSR instruction is entered and must be
driven high before the EWSR instruction is executed.
CE#
SO
SI
SCK
01 2 3 4 5 6 7
06
HIGH IMPEDANCE
MODE 0
MODE 3
1231 F11.1
MSB
CE#
SO
SI
SCK
01 2 3 4 5 6 7
04
HIGH IMPEDANCE
MODE 0
MODE 3
1231 F12.1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com