Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF032 Datasheet(PDF) 34 Page - Silicon Storage Technology, Inc

Part # SST26WF032
Description  1.8V Serial Quad I/O (SQI) Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26WF032 Datasheet(HTML) 34 Page - Silicon Storage Technology, Inc

Back Button SST26WF032 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 36Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
©2010 Silicon Storage Technology, Inc.
S71409-01-000
01/10
34
1.8V Serial Quad I/O (SQI) Flash Memory
SST26WF032
Advance Information
Product Ordering Information
Valid combinations for SST26WF032
SST26WF032-80-4I-QAE
SST26WF032-80-4I-S2AE
Note: Valid combinations are those products in mass production or will be in mass production. Consult
your SST sales representative to confirm availability of valid combinations and to determine
availability of new combinations.
SST
26
WF
032
-80
-
4I
-S2AE
XX
XX
XXX
-XX
-XX
-
XXXX
Environmental Attribute
E1 = non-Pb / non-Sn contact
(lead) finish
Package Modifier
A = 8 leads or contacts
Package Type
Q = WSON (6 mm x 5 mm)
S2 = SOIC (200 mil body width)
Temperature Range
I = Industrial = -40°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Operating Frequency
80 = 80 MHz
Device Density
032 = 32 Mbit
Voltage
W = 1.65-1.95V
Product Series
26 = Serial Quad I/O (SQI) Flash
Memory
1. Environmental suffix “E” denotes non-Pb sol-
der. SST non-Pb solder devices are “RoHS
Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com