Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF032 Datasheet(PDF) 35 Page - Silicon Storage Technology, Inc

Part # SST26WF032
Description  1.8V Serial Quad I/O (SQI) Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26WF032 Datasheet(HTML) 35 Page - Silicon Storage Technology, Inc

Back Button SST26WF032 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 36Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
©2010 Silicon Storage Technology, Inc.
S71409-01-000
01/10
35
1.8V Serial Quad I/O (SQI) Flash Memory
SST26WF032
Advance Information
Packaging Diagrams
Figure 31:8-Contact Very-very-thin, Small-outline, No-lead (WSON)
SST Package Code: QA
Note:
1. All linear dimensions are in millimeters (max/min).
2. Untoleranced dimensions (shown with box surround)
are nominal target dimensions.
3. The external paddle is electrically connected to the
die back-side and possibly to certain VSS leads.
This paddle can be soldered to the PC board;
it is suggested to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential can
result in shorts and/or electrical malfunction of the device.
8-wson-5x6-QA-9.0
4.0
1.27 BSC
Pin #1
0.48
0.35
0.076
3.4
5.00 ± 0.10
6.00 ± 0.10
0.05 Max
0.70
0.50
0.80
0.70
0.80
0.70
Pin #1
Corner
TOP VIEW
BOTTOM VIEW
CROSS SECTION
SIDE VIEW
1mm
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com