Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF040 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST25WF040
Description  512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF040 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST25WF040 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
21
©2009 Silicon Storage Technology, Inc.
S71328-08-000
11/09
JEDEC Read-ID
The JEDEC Read-ID instruction identifies the device as
SST25WF512/010/020/040 and the manufacturer as SST.
The device information can be read from executing the 8-
bit command, 9FH. Following the JEDEC Read-ID instruc-
tion, the 8-bit manufacturer’s ID, BFH, is output from the
device. After that, a 16-bit device ID is shifted out on the SO
pin. The Device ID is assigned by the manufacturer and
contains the type of memory in the first byte and the mem-
ory capacity of the device in the second byte. See Figure
23 for the instruction sequence. The JEDEC Read ID
instruction is terminated by a low to high transition on CE#
at any time during data output.
FIGURE 23: JEDEC Read-ID Sequence
TABLE 12: JEDEC Read-ID Data-Out for SST25WF512
Device ID
Product
Manufacturer’s ID (Byte 1)
Memory Type (Byte 2)
Memory Capacity (Byte 3)
SST25WF512
BFH
25H
01H
SST25WF010
BFH
25H
02H
SST25WF020
BFH
25H
03H
SST25WF040
BFH
25H
04H
T12.0 1328
25
Byte 3
Note:
See for Table 12 for Device ID Byte 3 value.
1328 F23.0
CE#
SO
SI
SCK
012345678
HIGH IMPEDANCE
15 16
14
28 29 30 31
BF
MODE 3
MODE 0
MSB
MSB
9 10111213
1718
32
34
9F
19 20 21 22 23
33
24 25 26 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com