Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF040 Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST25WF040
Description  512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF040 Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST25WF040 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
©2009 Silicon Storage Technology, Inc.
S71328-08-000
11/09
MEMORY ORGANIZATION
The SST25WF512/010/020/040 SuperFlash memory
arrays are organized in uniform 4 KByte with 16 KByte, 32
KByte, and 64 KByte (2 Mbit and 4 Mbit Only) overlay eras-
able blocks.
DEVICE OPERATION
The SST25WF512/010/020/040 are accessed through
the SPI (Serial Peripheral Interface) bus compatible proto-
col. The SPI bus consist of four control lines; Chip Enable
(CE#) is used to select the device, and data is accessed
through the Serial Data Input (SI), Serial Data Output (SO),
and Serial Clock (SCK).
The SST25WF512/010/020/040 support both Mode 0
(0,0) and Mode 3 (1,1) of SPI bus operations. The differ-
ence between the two modes, as shown in Figure 3, is the
state of the SCK signal when the bus master is in Stand-by
mode and no data is being transferred. The SCK signal is
low for Mode 0 and SCK signal is high for Mode 3. For both
modes, the Serial Data In (SI) is sampled at the rising edge
of the SCK clock signal and the Serial Data Output (SO) is
driven after the falling edge of the SCK clock signal.
FIGURE 3: SPI Protocol
1328 F03.0
MODE 3
SCK
SI
SO
CE#
MODE 3
DON'T CARE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
HIGH IMPEDANCE
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com