Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 23 Page - Silicon Storage Technology, Inc

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF080B Datasheet(HTML) 23 Page - Silicon Storage Technology, Inc

Back Button SST25VF080B Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 23Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 25Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 26Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 27Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
8 Mbit SPI Serial Flash
SST25VF080B
23
©2010 Silicon Storage Technology, Inc.
S71296-04-000
01/10
TABLE 13: AC Operating Characteristics (SST25VF080B-50-xx-xxxx)
25 MHz
50 MHz
66 MHz1,2
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
FCLK3
Serial Clock Frequency
25
50
66
MHz
TSCKH
Serial Clock High Time
18
9
7
ns
TSCKL
Serial Clock Low Time
18
9
7
ns
TSCKR4
Serial Clock Rise Time (Slew Rate)
0.1
0.1
0.1
V/ns
TSCKF
Serial Clock Fall Time (Slew Rate)
0.1
0.1
0.1
V/ns
TCES5
CE# Active Setup Time
10
5
4
ns
TCEH5
CE# Active Hold Time
10
5
4
ns
TCHS5
CE# Not Active Setup Time
10
5
4
ns
TCHH5
CE# Not Active Hold Time
10
5
4
ns
TCPH
CE# High Time
100
50
100
ns
TCHZ
CE# High to High-Z Output
15
8
6
ns
TCLZ
SCK Low to Low-Z Output
0
0
0
ns
TDS
Data In Setup Time
5
2
2
ns
TDH
Data In Hold Time
5
5
3
ns
THLS
HOLD# Low Setup Time
10
5
4
ns
THHS
HOLD# High Setup Time
10
5
4
ns
THLH
HOLD# Low Hold Time
10
5
4
ns
THHH
HOLD# High Hold Time
10
5
4
ns
THZ
HOLD# Low to High-Z Output
20
8
8
ns
TLZ
HOLD# High to Low-Z Output
15
8
8
ns
TOH
Output Hold from SCK Change
0
0
0
ns
TV
Output Valid from SCK
15
8
6
ns
TSE
Sector-Erase
25
25
25
ms
TBE
Block-Erase
25
25
25
ms
TSCE
Chip-Erase
50
50
50
ms
TBP
Byte-Program
10
10
10
µs
T13.0 1296
1. VDD = 3.0 - 3.6 V, CL = 15 pF
2. Characterized, but not fully tested
3. Maximum clock frequency for Read Instruction, 03H, is 25 MHz
4. Maximum Rise and Fall time may be limited by TSCKH and TSCKL requirements
5. Relative to SCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com