Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 32 Page - Silicon Storage Technology, Inc

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF080B Datasheet(HTML) 32 Page - Silicon Storage Technology, Inc

Back Button SST25VF080B Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 25Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 26Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 27Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 28Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 29Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 30Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 31Page - Silicon Storage Technology, Inc SST25VF080B Datasheet HTML 32Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
Data Sheet
8 Mbit SPI Serial Flash
SST25VF080B
©2010 Silicon Storage Technology, Inc.
S71296-04-000
01/10
TABLE 15: Revision History
Number
Description
Date
00
•
Initial release of data sheet
Sep 2005
01
•
Migrated document to a Data Sheet
•
Updated Surface Mount Solder Reflow Temperature information
Jan 2006
02
•
Updated Features
•
Updated Table 5 on page 8
•
Updated “High-Speed-Read (66/80 MHz)” on page 10
•
Updated Table 13 on page 23
Jun 2007
03
•
Modified “Features”, “Product Description”, “Pin Description”, “Product Ordering
Information”, and “Packaging Diagrams” to include the PAE package.
•
Updated Figures 10 and 11 on page 13.
Mar 2009
04
•
Added 80 MHz High Speed Clock Frequency to Features
•
Removed Maximum Frequency from Table 5 on page 8
•
Edited “Read (25/33 MHz)” on page 9 and “High-Speed-Read (66/80 MHz)” on
page 10.
•
Added Table 9 on page 22 and Table 14 on page 24
•
Edited Product Ordering Information
•
Added Valid Combinations SST25VF080B-80-4C-S2AE, SST25VF080B-80-4I-
S2AE, SST25VF080B-80-4C-QAE, and SST25VF080B-80-4I-QAE
Jan 2010
Silicon Storage Technology, Inc. • 1171 Sonora Court • Sunnyvale, CA 94086 • Telephone 408-735-9110 • Fax 408-735-9036
www.SuperFlash.com or www.sst.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com