Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF212C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMF212C
Description  VOLTAGE 1200 V 2.0 A High Voltage Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF212C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMF212C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF212C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMF212C
VOLTAGE 1200 V
2.0 A High Voltage Fast Rectifier
02-Apr-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Low Reverse Current
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
TYPE NUMBER
SYMBOL
SMF212C
UNITS
Repetitive Peak reverse voltage
RMS Voltage
VRRM
VRMS
1200
850
V
Average Forward Current @TJ=25°C
IF(AV)
2
A
Peak Forward Current @ 8.3 ms, single half sine wave
IFSM
50
A
Maximum Instantaneous Forward Voltage
VF @ IF = 2.0 A, TA = 25°C
VF @ IF = 2.0 A, TA = 125°C
VF
1.4
1.0
V
Maximum Reverse Current
At VR=1200 V @ TJ = 25°C
At VR=1200V @ TJ = 125°C (Note 3)
IR
5
50
μ
A
Typical Junction Capacitance (Note 1)
CJ
9
pF
Typical Thermal Resistance (Note 2)
RθJL
12
Typical Thermal Resistance (Note 2)
RθJA
55
°C/W
Reverse recovery time IF = 0.5 A, IRR= 0.25 A, IR =1A
TRR
500
nS
Operating Temperature Range
TJ
-50 ~ + 175
°C
Storage temperature
TSTG
-65 ~ + 175
°C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0 V D.C.
2. Printed circuit board FR4 copper pad 1×1cm, 35um thickness.
3. Pulse test: 300uS pulse width, 1% duty Cycle
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.750
3.250
E
-
0.203
B
6.520
7.110
F
7.750
8.130
C
5.590
6.220
G
0.760
1.520
D
2.000
2.620
H
0.150
0.305
SMC


Similar Part No. - SMF212C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMF212C SECOS-SMF212C_15 Datasheet
272Kb / 2P
2.0 A High Voltage Fast Rectifier
More results

Similar Description - SMF212C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
R1200F MCC-R1200F Datasheet
72Kb / 2P
500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
2CL01 MCC-2CL01 Datasheet
312Kb / 1P
High Voltage Fast Recovery Rectifier 8k V Volts
logo
Shanghai Lunsure Electr...
R1200F CHENYI-R1200F Datasheet
39Kb / 2P
500Milliamp High voltage fast recovery silicon rectifier 1200 to 2000 volts
logo
Micro Commercial Compon...
R1200F MCC-R1200F_11 Datasheet
219Kb / 3P
500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
R2000F-TP MCC-R2000F-TP Datasheet
219Kb / 3P
500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
logo
SeCoS Halbleitertechnol...
SMF212C SECOS-SMF212C_15 Datasheet
272Kb / 2P
2.0 A High Voltage Fast Rectifier
logo
GETAI ELECTRONICS DEVIC...
HVQL20MT150D GETEDZ-HVQL20MT150D Datasheet
473Kb / 1P
2.0 A 15kV--High Voltage Bridge Rectifier
HVQL20MT200D GETEDZ-HVQL20MT200D Datasheet
472Kb / 1P
2.0 A 20kV--High Voltage Bridge Rectifier
logo
Rectron Semiconductor
HFM2012 RECTRON-HFM2012 Datasheet
100Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 1200 Volts CURRENT 2.0 Ampere
2021-08 REV: O
HFM2012C RECTRON-HFM2012C Datasheet
290Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 1200 Volts CURRENT 2.0 Ampere
2021-08 REV: O
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com