Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3535
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3535 Datasheet HTML 7Page - National Semiconductor (TI) LM3535 Datasheet HTML 8Page - National Semiconductor (TI) LM3535 Datasheet HTML 9Page - National Semiconductor (TI) LM3535 Datasheet HTML 10Page - National Semiconductor (TI) LM3535 Datasheet HTML 11Page - National Semiconductor (TI) LM3535 Datasheet HTML 12Page - National Semiconductor (TI) LM3535 Datasheet HTML 13Page - National Semiconductor (TI) LM3535 Datasheet HTML 14Page - National Semiconductor (TI) LM3535 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Circuit Description
OVERVIEW
The LM3535 is a white LED driver system based upon an
adaptive 3/2× - 1× CMOS charge pump capable of supplying
up to 200mA of total output current. With three separately
controlled Groups of constant current sinks, the LM3535 is an
ideal solution for platforms requiring a single white LED driver
IC for main display, sub display, and indicator lighting. The
tightly matched current sinks ensure uniform brightness from
the LEDs across the entire small-format display.
Each LED is configured in a common anode configuration,
with the peak drive current set to 25mA. An I2C compatible
interface is used to enable the device and vary the brightness
within the individual current sink Groups. For GroupA , 128
exponentially-spaced analog brightness control levels are
available. GroupB and GroupC have 8 linearly-spaced analog
brightness levels.
Additionally, the LM3535 provides 1 or 2 inputs (LM3535 has
1 and LM3535-2ALS has 2) for an Ambient Light Sensor to
adaptively adjust the diode current based on ambient condi-
tions, and a PWM pin to allow the diode current to be pulse
width modulated to work with a display driver utilizing dynamic
or content adjusted backlight control (DBC or CABC).
CIRCUIT COMPONENTS
Charge Pump
The input to the 3/2× - 1× charge pump is connected to the
V
IN pin, and the regulated output of the charge pump is con-
nected to the V
OUT pin. The recommended input voltage
range of the LM3535 is 2.7V to 5.5V. The device’s regulated
charge pump has both open loop and closed loop modes of
operation. When the device is in open loop, the voltage at
V
OUT is equal to the gain times the voltage at the input. When
the device is in closed loop, the voltage at V
OUT is regulated
to 4.3V (typ.). The charge pump gain transitions are actively
selected to maintain regulation based on LED forward voltage
and load requirements.
Diode Current Sinks
Matched currents are ensured with the use of tightly matched
internal devices and internal mismatch cancellation circuitry.
There are eight regulated current sinks configurable into 3
different lighting regions.
Ambient Light Sensing (ALS) and Interrupt
The LM3535 provides an Ambient Light Sensing input (2 in-
puts on LM3535-2ALS version) for use with ambient backlight
control. By connecting the anode of a photo diode / sensor to
the sensor input pins, and configuring the appropriate ALS
resistors, the LM3535 or -2ALS version, can be configured to
adjust the diode current to five unique settings, corresponding
to four adjustable light region trip points. Additionally, when
the LM3535 determines that an ambient condition has
changed, the interrupt pin, when connected to a pull-up re-
sistor will toggle to a '0' alerting the controller. See the I2C
interface section for more details regarding the register con-
figurations.
Dynamic Backlight Control Input (PWM Pin)
A PWM (Pulse Width Modulation) pin is provided on the
LM3535 to allow a display driver utilizing dynamic backlight
control (DBC), to adjust the LED brightness based on the
content. The PWM input can be turned on or off (Acknowledge
or Ignore) and the polarity can be flipped (active high or active
low) through the I2C interface. The current sinks of the
LM3535 require approximately 15µs. to reach steady-state
target current. This turn-on time sets the minimum usable
PWM pulse width for DBC/CABC.
LED Forward Voltage Monitoring
The LM3535 has the ability to switch gains (1x or 3/2x) based
on the forward voltage of the LED load. This ability to switch
gains maximizes efficiency for a given load. Forward voltage
monitoring occurs on all diode pins. At higher input voltages,
the LM3535 will operate in pass mode, allowing the V
OUT
voltage to track the input voltage. As the input voltage drops,
the voltage on the Dxx pins will also drop (V
DXX = VVOUT
V
LEDx). Once any of the active Dxx pins reaches a voltage
approximately equal to 130mV, the charge pump will switch
to the gain of 3/2. This switch-over ensures that the current
through the LEDs never becomes pinched off due to a lack of
headroom across the current sinks. Once a gain transition
occurs, the LM3535 will remain in the gain of 3/2 until an
I2C write to the part occurs. At that time, the LM3535 will
re-evaluate the LED conditions and select the appropri-
ate gain.
Only active Dxx pins will be monitored.
Configurable Gain Transition Delay
To optimize efficiency, the LM3535 has a user selectable gain
transition delay that allows the part to ignore short duration
input voltage drops. By default, the LM3535 will not change
gains if the input voltage dip is shorter than 3 to 6 milliseconds.
There are four selectable gain transition delay ranges (4 for
LM3535-2ALS and 3 for LM3535) available on the LM3535.
All delay ranges are set within the VF Monitor Delay Register .
Please refer to the INTERNAL REGISTERS section of this
datasheet for more information regarding the delay ranges.
Hardware Enable (HWEN)
The LM3535 has a hardware enable/reset pin (HWEN) that
allows the device to be disabled by an external controller
without requiring an I2C write command. Under normal oper-
ation, the HWEN pin should be held high (logic '1') to prevent
an unwanted reset. When the HWEN is driven low (logic '0'),
all internal control registers reset to the default states and the
part becomes disabled. Please see the Electrical Character-
istics section of the datasheet for required voltage thresholds.
I2C Compatible Interface
DATA VALIDITY
The data on SDIO line must be stable during the HIGH period
of the clock signal (SCL). In other words, state of the data line
can only be changed when SCL is LOW.
30082425
FIGURE 1. Data Validity Diagram
A pull-up resistor between the controller's VIO line and SDIO
must be greater than [ (VIO-V
OL) / 3mA] to meet the VOL re-
quirement on SDIO. Using a larger pull-up resistor results in
lower switching current with slower edges, while using a
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com