Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3535
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3535 Datasheet HTML 9Page - National Semiconductor (TI) LM3535 Datasheet HTML 10Page - National Semiconductor (TI) LM3535 Datasheet HTML 11Page - National Semiconductor (TI) LM3535 Datasheet HTML 12Page - National Semiconductor (TI) LM3535 Datasheet HTML 13Page - National Semiconductor (TI) LM3535 Datasheet HTML 14Page - National Semiconductor (TI) LM3535 Datasheet HTML 15Page - National Semiconductor (TI) LM3535 Datasheet HTML 16Page - National Semiconductor (TI) LM3535 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
I2C COMPATIBLE CHIP ADDRESS
The 7-bit chip address for LM3535 is 111000, or 0x38.
INTERNAL REGISTERS OF LM3535
Register
Internal Hex
Address
Power On Value
Diode Enable
Register
0x10
0000 0000 (0x00)
Configuration
Register
0x20
0000 0000 (0x00)
Options
Register
0x30
0000 0000 (0x00)
ALS Zone
Readback
0x40
1111 0000 (0xF0)
ALS Control
Register
0x50
1 ALS
Version
0000 0011 (0x03)
2 ALS
Version
0000 0000 (0x00)
ALS Resistor
Register
0x51
0000 0000 (0x00)
ALS Select
Register
0x52
LM3535-2ALS
Only
1111 0001 (0xF1)
ALS Zone
Boundary #0
0x60
0011 0011 (0x33)
ALS Zone
Boundary #1
0x61
0110 0110 (0x66)
ALS Zone
Boundary #2
0x62
1001 1001 (0x99)
ALS Zone
Boundary #3
0x63
1100 1100 (0xCC)
ALS Brightness
Zone #1
0x70
1001 1001 (0x99)
ALS Brightness
Zone #2
0x71
1011 0110 (0xB6)
ALS Brightness
Zone #3
0x72
1100 1100 (0xCC)
ALS Brightness
Zone #4
0x73
1110 0110 (0xE6)
ALS Brightness
Zone #5
0x74
1111 1111 (0xFF)
Group A
Brightness
Control Register
0xA0
1000 0000 (0x80)
Group B
Brightness
Control Register
0xB0
1100 0000 (0xC0)
Group C
Brightness
Control Register
0xC0
1111 1000 (0xF8)
30082404
FIGURE 4. Diode Enable Register Description
Internal Hex Address: 0x10
Each ENx Bit controls the state of the corresponding current
sink. Writing a '1' to these bits enables the current sinks. Writ-
ing a '0' disables the current sinks. In order for current to begin
flowing through the BankA current sinks, the brightness codes
stored in either the BankA Brightness register or the ALS
Brightness registers (with ALS enabled) must be non-zero.
The BankA current sinks can be disabled in two different
manors. Writing '0' to the ENx bits when the current sinks are
active will disable the current sinks without going through the
ramp down sequence. Additionally, setting the BankA bright-
ness code to '0' when the current sinks are active (ENx = '1')
does force the diode current to ramp down. All ramping be-
havior is tied to the BankA Brightness or ALS Brightness
Register settings. Any change in these values will cause the
LM3535 brightness state machine to ramp the diode current.
Writing a '1 to ENC, EN1B, EN62 and EN53 (when EN62 and
EN53 are assigned to BankB) by default will enable the cor-
responding current sinks and drive the LEDs to the current
value stored in the BankB and BankC brightness registers.
Writing a '0' to these bits immediately disables the current
sinks.
The ENC and EN1B bits are ignored if the D1C/ALS pin is
configured as an ALS input and if the D1B/INT is configured
as an interrupt flag.
30082405
FIGURE 5. Configuration Register Description
Internal Hex Address:0x20
•
PWM-EN: PWM Input Enable. Writing a '1' = Enable, and
a '0' = Ignore (default).
•
PWM-P: PWM Input Polarity. Writing a '0' = Active High
(default) and a '1' = Active Low.
•
53A: Assign D53 diode to BankA. Writing a '0' assigns D53
to BankB (default) and a '1' assigns D53 to BankA.
•
62A: Assign D62 diode to BankA. Writing a '0' assigns D62
to BankB (default) and a '1' assigns D62 to BankA.
•
ALS-ENA: Enable ALS on BankA. Writing a '1' enables
ALS control of diode current and a '0' (default) forces the
BankA current to the value stored in the BankA brightness
register. The ALS-EN bit must be set to a '1' for the ALS
block to control the BankA brightness.
•
ALS-ENB: Enable ALS on BankB. Writing a '1' enables
ALS control of diode current and a '0' (default) forces the
BankB current to the value stored in the BankB brightness
register. The ALS-EN bit must be set to a '1' for the ALS
block to control the BankB brightness. The ALS function
for BankB is different than bankA in that the ALS will only
enable and disable the BankB diodes depending on the
ALS zone chosen by the user. BankA utilizes the 5
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com