Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TMX-2ALS Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3535TMX-2ALS
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535TMX-2ALS Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3535TMX-2ALS Datasheet HTML 1Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 2Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 3Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 4Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 5Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 6Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 7Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 8Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Connection Diagram
20 Bump micro SMD Package
NS Package Number TMD20AAA
30082469
Pin Descriptions
Bump #s
TMD20AAA
Pin Names
Pin Descriptions
A3
V
IN
Input voltage. Input range: 2.7V to 5.5V.
A2
V
OUT
Charge Pump Output Voltage
A1, C1, B1, B2
C1+, C1-, C2+, C2-
Flying Capacitor Connections
D3, E3,E4, D4
D1A-D4A
LED Drivers - GroupA
C4, B4
D53, D62
LED Drivers - Configurable Current Sinks. Can be assigned to GroupA or GroupB
B3
D1B / INT
LED Driver/ ALS Interrupt - GroupB Current Sink or ALS Interrupt Pin. In ALS Interrupt
mode, a pull-up resistor is required. A '0’ means a change has occurred, while a ‘1’
means no ALS adjustment has been made.
C3
D1C / ALS
LED Driver / ALS Input - Indicator LED current sink or Ambient Light Sensor Input
D2
PWM
External PWM Input - Allows the current sinks to be turned on and off at a frequency
and duty cycle externally controlled. Minimum On-Time Pulse Width = 15µsec.
E1
HWEN
Hardware Enable Pin. High = Normal Operation, Low = RESET
C2
SDIO
Serial Data Input/Output Pin
E2
SCL
Serial Clock Pin
A4
GND
(LM3535)
ALSB
(LM3535-2ALS)
Ground for LM3535 or Ambient Light Sensor B for LM3535-2ALS
D1
GND
Ground
Ordering Information
Order Information
Package
Supplied As
LM3535TME
TMD20AAA
250 Units, Tape & Reel
LM3535TMX
3000 Units, Tape & Reel
LM3535TME-2ALS
250 Units, Tape & Reel
LM3535TMX-2ALS
3000 Units, Tape & Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com