Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TMX-2ALS Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3535TMX-2ALS
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535TMX-2ALS Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM3535TMX-2ALS Datasheet HTML 16Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 17Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 18Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 19Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 20Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 21Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 22Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 23Page - National Semiconductor (TI) LM3535TMX-2ALS Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
30082450
FIGURE 16. Averager Calculation
•
The two most current averaging samples are used to make
zone change decisions.
•
To make a zone change, data from three averaging cycles
are needed. (Starting Value, First Transition, Second
Transition or Rest)
•
To Increase the brightness zone, a positive Averager zone
output must be followed by a second positive Averager
output or a repeated Averager zone. ('+' to '+' or '+' to
'Rest')
•
To decrease the brightness zone, a negative Averager
zone output must be followed by a second negative
Averager output or a repeated Averager zone. ('-' to '-' or
'-' to 'Rest')
•
In the case of two increases or decreases in the Averager
output, the LM3535 will transition to zone equal to the last
Averager output.
Figure 17 provides a graphical representation of the
Averager's behavior.
30082449
FIGURE 17. Brightness Zone Change Examples
Using the diagram for the ALS block (Figure 14), Figure 18
shows the flow of information starting with the A/D, transition-
ing to the Averager, followed by the Discriminator. Each state
filters the previous output to help prevent unwanted zone to
zone transitions.
30082448
FIGURE 18. Ambient Light Input to Backlight Mapping
When using the ALS averaging functionality, it is important to
remember that the averaging cycle is free running and is not
synchronized with changing ambient lighting conditions. Due
to the nature of the Averager round down, an increase in
brightness can take between 2 and 3 averaging cycles to
change zones while a decrease in brightness can take be-
tween 1 and 2 averaging cycles to change. See Figure 9 for
a list of possible Averager periods. Figure 19 shows an ex-
ample of how the perceived brightness change time can vary.
30082451
FIGURE 19. Perceived Brightness Change Time
Ambient Light Current Control + PWM
The Ambient Light Current Control can also be a function of
the PWM input duty cycle. Assume the LM3535 is configured
as described in the previous example, but this time the Enable
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com