Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/57 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # M16C/57
Description  RENESAS MCU
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/57 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button M16C/57 Datasheet HTML 123Page - Renesas Technology Corp M16C/57 Datasheet HTML 124Page - Renesas Technology Corp M16C/57 Datasheet HTML 125Page - Renesas Technology Corp M16C/57 Datasheet HTML 126Page - Renesas Technology Corp M16C/57 Datasheet HTML 127Page - Renesas Technology Corp M16C/57 Datasheet HTML 128Page - Renesas Technology Corp M16C/57 Datasheet HTML 129Page - Renesas Technology Corp M16C/57 Datasheet HTML 130Page - Renesas Technology Corp M16C/57 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 127 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
K-Version
5.4.6
E2PROM Emulation Data Flash
Notes:
1.
Definition
of program/erase cycles definition
This value represents the number of erasure per block.
If the flash memory is programmed/erased n times, each block can be erased n times.
i.e. If a word write is performed in different 16 addresses in a block and then the block is erased, it
is considered the programming/erasure is performed just once. However a write in the same
address more than once for one erasure is disabled. (overwrite disabled).
2.
The data hold time includes the periods when the supply voltage is not applied and no clock is
provided.
3.
This data hold time includes (3000) hours in Ambient temperature = 125°C.
4.
Please contact a Renesas Electronics sales office regarding data retention time other than the
above.
Table 5.57
E2PROM Emulation Data Flash Electrical Characteristics
VCC = 3.0 to 5.5 V at Topr = -40°C to 125°C, unless otherwise specified.
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
—
Program/erase cycles (1)
100000
times
—
Word program time (2-byte program)
100
2000
µs
—
Read time (2-byte read)
1
µs
—
Block erase time (32-byte block)
15
200
ms
tPS
Flash memory circuit stabilization wait time
(sleep mode to normal mode)
35
50
µs
—
Data hold time (2)
Ambient temperature = 55°C (3, 4)
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com