Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/57 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # M16C/57
Description  RENESAS MCU
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/57 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button M16C/57 Datasheet HTML 126Page - Renesas Technology Corp M16C/57 Datasheet HTML 127Page - Renesas Technology Corp M16C/57 Datasheet HTML 128Page - Renesas Technology Corp M16C/57 Datasheet HTML 129Page - Renesas Technology Corp M16C/57 Datasheet HTML 130Page - Renesas Technology Corp M16C/57 Datasheet HTML 131Page - Renesas Technology Corp M16C/57 Datasheet HTML 132Page - Renesas Technology Corp M16C/57 Datasheet HTML 133Page - Renesas Technology Corp M16C/57 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 130 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
K-Version
Figure 5.36
Power Supply Circuit Timing Diagram
5.4.8
Oscillation Circuit Electrical Characteristics
Table 5.62
On-chip Oscillator Oscillation Circuit Electrical Characteristics
VCC = 3.0 to 5.5 V, Topr = −40°C to 125°C, unless otherwise specified
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
fOCO-S
125 kHz on-chip oscillator oscillation frequency
100
125
150
kHz
fOCO40M
40 kHz on-chip oscillator oscillation frequency
32
40
48
MHz
CPU clock
Time to stabilize internal supply
voltage during powering-on
(a) Interrupt to exit from stop mode
(b) Interrupt to exit from wait mode
CPU clock
(a)
(b)
Stop
Operate
Recommended
operating
voltage
Voltage detection circuit
td(P-R)
STOP release time
td(R-S)
t d(W-S)
Low power consumption
mode wait mode exit time
Voltage detection circuit
operation start time
td(E-A)
td(P-R)
td(R-S)
td(W-S)
td(E-A)
VC25, VC27
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com