Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/57 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # M16C/57
Description  RENESAS MCU
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/57 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button M16C/57 Datasheet HTML 124Page - Renesas Technology Corp M16C/57 Datasheet HTML 125Page - Renesas Technology Corp M16C/57 Datasheet HTML 126Page - Renesas Technology Corp M16C/57 Datasheet HTML 127Page - Renesas Technology Corp M16C/57 Datasheet HTML 128Page - Renesas Technology Corp M16C/57 Datasheet HTML 129Page - Renesas Technology Corp M16C/57 Datasheet HTML 130Page - Renesas Technology Corp M16C/57 Datasheet HTML 131Page - Renesas Technology Corp M16C/57 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 128 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
K-Version
5.4.7
Voltage Detector and Power Supply Circuit Electrical Characteristics
Note:
1.
Necessary time until the voltage detector operates when setting to 1 again after setting the VC25 bit in the VCR2
register to 0.
Note:
1.
Necessary time until the voltage detector operates after setting to 1 again after setting the VC27 bit in the VCR2
register to 0.
Table 5.58
Voltage Detector 0 Electrical Characteristics
The measurement condition is VCC = 3.0 to 5.5 V, Topr = -40°C to 125°C, unless otherwise specified.
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet0
Voltage detection level Vdet0
When VCC is falling.
2.70
2.85
3.00
V
td(E-A)
Waiting time until voltage detector operation
starts (1)
VCC = 3.0 to 5.0 V
100
μs
Table 5.59
Voltage Detector 2 Electrical Characteristics
The measurement condition is VCC = 3.0 to 5.5 V, Topr = -40°C to 125°C, unless otherwise specified.
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet2_0
Voltage detection level Vdet2_0
When VCC is falling
3.21
V
Vdet2_1
Voltage detection level Vdet2_1
3.36
V
Vdet2_2
Voltage detection level Vdet2_2
3.51
V
Vdet2_3
Voltage detection level Vdet2_3
3.66
V
Vdet2_4
Voltage detection level Vdet2_4
3.51
3.81
4.11
V
Vdet2_5
Voltage detection level Vdet2_5
3.96
V
Vdet2_6
Voltage detection level Vdet2_6
4.10
V
Vdet2_7
Voltage detection level Vdet2_7
4.25
V
-
Hysteresis width at the rising of VCC in voltage
detector 2
0.15
V
td(E-A)
Waiting time until voltage detector operation starts (1) VCC = 3.0 to 5.0 V
100
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com