Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5960DA Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960DA
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960DA Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC5960DA Datasheet HTML 17Page - Texas Instruments TLC5960DA Datasheet HTML 18Page - Texas Instruments TLC5960DA Datasheet HTML 19Page - Texas Instruments TLC5960DA Datasheet HTML 20Page - Texas Instruments TLC5960DA Datasheet HTML 21Page - Texas Instruments TLC5960DA Datasheet HTML 22Page - Texas Instruments TLC5960DA Datasheet HTML 23Page - Texas Instruments TLC5960DA Datasheet HTML 24Page - Texas Instruments TLC5960DA Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
V
=
LED
R1+R2
R2
´ V
+
REF
R1
R3
´ (V
V
)
REF -
HVM
V
=
LEDMIN
R1+R2
R2
´ V
+
REF
R1
R3
´ (V
1.25)
REF -
V
=
LEDTYP
R1+R2
R2
´ V
+
REF
R1
R3
´ (V
0.7)
REF -
V
=
LEDMAX
R1+R2
R2
´ V
+
REF
R1
R3
´ (V
0.14)
REF -
P
=(V
0.6)
I
-
´
FET
D
LED
TLC5960
www.ti.com
SBVS147 – SEPTEMBER 2010
SETTING THE DC/DC CONVERTER OUTPUT RANGE
The given VLED voltage setting by the iHVM system is shown in Equation 8. VREF is the internal reference voltage
of the dc/dc converter. VHVM is the regulated voltage output from the HVM buffer, which outputs 0.7V initially and
is automatically adjusted by the internal iHVM mechanism.
(8)
The voltage range for VHVM is 0.14V (min) to 1.25V (max) with a typical value of 0.7V. Given these values, the
available VLED range with iHVM is calculated as shown in Equation 9 through Equation 11:
(9)
(10)
(11)
In this case, if VREF = 0.7V, R1 = 200kΩ, R2 = 1kΩ, and R3 = 20kΩ, then the variable range on the dc/dc output,
VLED, is 140V ±6V. The appropriate VLED voltage range can easily be set by selecting the values of R1, R2, and
R3.
BASIC POWER DISSIPATION CONSIDERATIONS
The most critical components for power consumption are the external FETs in the system. These components
are critical because the forward voltage variance of all the LED strings are concentrated in these components.
For optimal system performance with the appropriate thermal dissipation, the LED selection and iHVM VLED
range must be set accordingly. The iHVM VLED range should be determined from the VLED worst-case variance
without turning off the LED strings. Here, the FET power dissipation rating (PFET) is defined as shown in
Equation 12:
(12)
If the FET is supposed to tolerate 1W, then the VD should be 10.6V under worst-case conditions with a 100mA
ILED setting.
FLEXIBLE CONFIGURATIONS OF THE iHVM
The TLC5960 provides flexible configurations for the dc/dc converter and LED driver channel count. By default,
the TLC5960 has four PWM inputs, eight LED strings, and four dc/dc converter control outputs (2CH mode). In
this case, the best thermal capability is provided with dc/dc peripherals overhead; see Figure 24. The TLC5960
provides drain node voltage control within the range of 1.6V to 2.6V on at least four out of eight channels. The
upper-right side of Figure 24 illustrates this four-channel control capability that automatically minimizes the FET
power dissipation.
The TLC5960 integrates two other configuration modes: 4CH HVM mode and 8CH HVM mode. In these modes,
the TLC5960 is capable of controlling the headroom voltage range in two out of the eight channels, or one out of
eight channels. Also in these modes, the total VD variance that is coming from the LED VF variance is much
larger than in 2CH mode, as shown in the upper-right side of Figure 25. If the LED components are not
appropriately selected, only one LED string is well-controlled within the HVM range of 1.6V to 2.6V. It is more
important to have a better selection criteria on LEDs instead of than less peripheral overhead in order to better
handle the thermal rating.
Application of voltage greater than 7.0V on CTRL2 drives the TLC5960 HVM mode into 4CH mode. CTRL1 and
CTRL3 PWM inputs are used to control Ch1, Ch2, Ch5, Ch6 and Ch3, Ch4, Ch7, Ch8, respectively. Two HVM
outputs are used to control two dc/dc converter output voltages. If voltage greater than 7.0V is placed on both
CTRL2 and CTRL4, the TLC5960 HVM logic goes into 8CH mode. CTRL1 controls all of the LED string outputs
and the HVM output is consolidated into one HVM1 output. Table 3 summarizes the HVM mode configurations.
The applicable voltage on CTRL2 and CTRL4 is defined up to the VIN level. It is recommended to tie CTRL2
and/or CTRL4 to VIN through a 10k
Ω resistor.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com