Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5960DA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960DA
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960DA Datasheet(HTML) 3 Page - Texas Instruments

  TLC5960DA Datasheet HTML 1Page - Texas Instruments TLC5960DA Datasheet HTML 2Page - Texas Instruments TLC5960DA Datasheet HTML 3Page - Texas Instruments TLC5960DA Datasheet HTML 4Page - Texas Instruments TLC5960DA Datasheet HTML 5Page - Texas Instruments TLC5960DA Datasheet HTML 6Page - Texas Instruments TLC5960DA Datasheet HTML 7Page - Texas Instruments TLC5960DA Datasheet HTML 8Page - Texas Instruments TLC5960DA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TLC5960
www.ti.com
SBVS147 – SEPTEMBER 2010
RECOMMENDED OPERATING CONDITIONS
TLC5960
PARAMETER
MIN
NOM
MAX
UNIT
DC Characteristics
VIN
Supply voltage
10
24
28
V
VD
Voltage applied to sense input (D1 to D8, S1 to S8)
GND
34
V
VIH
High-level input voltage (CTRL1 to CTRL4)
1.2
5.5
V
VIL
Low-level input voltage (CTRL1 to CTRL4)
GND
0.4
V
ISINK
Low-level output current (XFLT)
1
mA
CLOAD
Capacitive load of Gn outputs (G1 to G8)
100
500
pF
VG
MOSFET threshold voltage (G1 to G8)
2.8
V
CVREG5
Regulator output capacitor (VREG5)
1.0
2.2
µF
TA
Operating free-air temperature range
–40
+85
°C
TJ
Operating junction temperature range
–40
+125
°C
AC Characteristics: At VIN = 10V to 28V and TA = –40°C to +85°C
tWH0/tWL0
CTRLn pulse duration (CTRL1, 2, 3, 4 = high or low)
4
µs
tWH1/tWL1
EN pulse duration (EN = high or low)
50
µs
tSU0
Setup time (EN to CTRL1, 2, 3, 4)
50
µs
tH0
Hold time (EN to CTRL1, 2, 3, 4)
2
µs
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com