Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB3N502DEVB Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3N502DEVB
Description  NB3N502 Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N502DEVB Datasheet(HTML) 2 Page - ON Semiconductor

  NB3N502DEVB Datasheet HTML 1Page - ON Semiconductor NB3N502DEVB Datasheet HTML 2Page - ON Semiconductor NB3N502DEVB Datasheet HTML 3Page - ON Semiconductor NB3N502DEVB Datasheet HTML 4Page - ON Semiconductor NB3N502DEVB Datasheet HTML 5Page - ON Semiconductor NB3N502DEVB Datasheet HTML 6Page - ON Semiconductor NB3N502DEVB Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NB3N502DEVB
http://onsemi.com
2
SETUP FOR MEASUREMENTS
Basic Equipment
• Signal Generator (for External Reference Clock Input)
• Oscilloscope
• Power Supply
• Voltmeter
• High−Speed Cables with SMA Connectors
• High−Impedance Probe
Power Supply Connections
External power supply of +3 V to +5.5 V must be
provided to the board.
The NB4N502 has a positive supply pin, VDD, and a
ground pin, GND. Connect a single power supply to the
evaluation board (see Figure 2.) by connecting VDD to the
positive supply, +3 V to +5.5 V, and GND to 0 V. Power
supply banana plug connectors for VDD and GND are
provided at the top corners of the board.
Table 1. POWER SUPPLY CONNECTIONS
Supply
Value
Connector
VDD
+3 to +5.5 V
Red Banana Plug
GND
0 V
Black Banana Plug
Figure 2. Power Supply Connections
+3.0 V to +5.5 V
Power Supplies
VDD
GND
+
−
External Reference Clock
An SMA connector is provided for X1/CLK if an external
clock source is used on Pin 1. The metal trace at the package
pin is intentionally open for crystal use and must be shorted
for a connection to Pin 1 for external clock use.
Crystal and Crystal Load Capacitors Selection Guide
A through−hole or surface mount crystal can be used. The
metal traces at the crystal pins are intentionally open for
crystal use and will have no impedance effect on the crystal
pins.
The total on−chip capacitance is approximately 12 pF per
pin (CIN1 and CIN2). A parallel resonant, fundamental
mode crystal should be used. The evaluation board includes
pads for small capacitors from X1/CLK to ground and from
X2 to ground. These capacitors, CL1 and CL2, are used to
adjust the stray capacitance of the board to match the
nominally required crystal load capacitance (CLOAD
(crystal)). Crystal load capacitors must be connected from
each of the pins X1 and X2 to ground. The load capacitance
of the crystal (CLOAD (crystal)) must be matched by total
load capacitance of the oscillator circuitry network, CINX,
CSX and CLX, as seen by the crystal (see Figure 3 and
equations below).
CLOAD1 = CIN1 + CS1 + CL1
[Total capacitance on X1/CLK]
CLOAD2 = CIN2 + CS2 + CL2 [Total capacitance on X2]
CIN1
[ CIN2 [ 12 pF (Typ) [Internal capacitance]
CS1
[ CS2 [ 5 pF (Typ) [External PCB stray capacitance]
CLOAD1,2 = 2 – CLOAD (Crystal)
CL2 = CLOAD2 − CIN2 − CS2
[External load capacitance on X2]
CL1 = CLOAD1 − CIN1 − CS1
[External load capacitance on X1/CLK]
Figure 3. Using a Crystal as Reference Clock
CS1
CS2
CL1
CL2
Crystal
CIN2
12pF
CIN1
12pF
G
R
Internal
to Device
X1/CLK
X2
Control and Select Pins
The NB4N502 evaluation board is equipped with SMA
connectors to control the static input logic levels of the
Multiplier Select pins, S0 and S1 (see Table 2).
Pin S1 defaults to M when left open. Pin S0 defaults to H
when left open.
3−Position slide switches are also provided to control the
Multiplier Select pins. To use the switches, headers JMP3
and JMP4 must be shorted.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com