Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB3N502DEVB Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB3N502DEVB
Description  NB3N502 Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N502DEVB Datasheet(HTML) 1 Page - ON Semiconductor

  NB3N502DEVB Datasheet HTML 1Page - ON Semiconductor NB3N502DEVB Datasheet HTML 2Page - ON Semiconductor NB3N502DEVB Datasheet HTML 3Page - ON Semiconductor NB3N502DEVB Datasheet HTML 4Page - ON Semiconductor NB3N502DEVB Datasheet HTML 5Page - ON Semiconductor NB3N502DEVB Datasheet HTML 6Page - ON Semiconductor NB3N502DEVB Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 0
1
Publication Order Number:
NB3N502DEVB/D
NB3N502DEVB
NB3N502 Evaluation Board
User’s Manual
Description
The NB3N502 Evaluation Board was designed to provide
a flexible and convenient platform to quickly evaluate,
characterize and verify the performance and operation of the
NB3N502 PLL Clock Multiplier. This user’s manual
provides detailed information on the board’s contents,
layout and use, and it should be used in conjunction with the
NB3N502 data sheet which contains full technical details on
device specifications and operation (www.onsemi.com).
Board Features
• Fully Assembled Evaluation Board
• Accommodates the Electrical Characterization of the
NB3N502 in the SOIC−8 Package
• Supports the Use of a 5 MHz to 27 MHz Through−hole
or Surface Mount Crystal
• SMA Connectors are Provided for Auxiliary Input and
Output Interfaces
• Incorporates Onboard Slide Switch Controlled
Multiplier Select Pins, Minimizing Excess Cabling
This Evaluation Board Manual Contains
• Information on the NB3N502 Evaluation Board
• Appropriate Lab Setup
• Evaluation Board Layout
• Bill of Materials
Figure 1. NB3N502 Evaluation Board
http://onsemi.com


Similar Part No. - NB3N502DEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N502DG ONSEMI-NB3N502DG Datasheet
59Kb / 5P
14 MHz to 190 MHz PLL Clock Multiplier
March, 2006 ??Rev. 0
NB3N502DG ONSEMI-NB3N502DG Datasheet
139Kb / 5P
14 MHz to 190 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
NB3N502DR2G ONSEMI-NB3N502DR2G Datasheet
59Kb / 5P
14 MHz to 190 MHz PLL Clock Multiplier
March, 2006 ??Rev. 0
NB3N502DR2G ONSEMI-NB3N502DR2G Datasheet
139Kb / 5P
14 MHz to 190 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
More results

Similar Description - NB3N502DEVB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Asahi Kasei Microsystem...
AK4116-B AKM-AK4116-B Datasheet
258Kb / 19P
Evaluation Board
AK4181A AKM-AK4181A Datasheet
234Kb / 17P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com