Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMA2805S/CH Datasheet(PDF) 4 Page - International Rectifier

Part # AMA2805S/CH
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMA2805S/CH Datasheet(HTML) 4 Page - International Rectifier

  AMA2805S/CH Datasheet HTML 1Page - International Rectifier AMA2805S/CH Datasheet HTML 2Page - International Rectifier AMA2805S/CH Datasheet HTML 3Page - International Rectifier AMA2805S/CH Datasheet HTML 4Page - International Rectifier AMA2805S/CH Datasheet HTML 5Page - International Rectifier AMA2805S/CH Datasheet HTML 6Page - International Rectifier AMA2805S/CH Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.irf.com
AMA28XXD Series
Dynamic Characteristics -55°C ≤ TCASE ≤ +125°C, VIN = 28VDC ±5%, C
L = 0, unless otherwise specified.
Notes to Specifications
1.
Applicable to positive and negative outputs.
2.
Maximum combined output is 5.0 watts. 4.0 watts (max.) is available from either output (80%).
3.
Load current split equally between +VOUT and –VOUT.
4.
1.0 watt load on output under test, 1.0 watt to 4.0 watt load change on other output.
5.
Capacitive value may be any value from 0 to the maximum limit without compromising DC performance. A
capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the
operation of the load fault detection circuitry, appearing as a short circuit during turn-on.
6.
Parameter shall be tested as part of design characterization and after design or process changes.
Thereafter, parameters shall be guaranteed to the limit specified.
7.
Load step transition time between 2 and 10 microseconds.
8.
Recovery time is measured from initiation of the transient to where VOUT has returned to within
±1% of
VOUT at 50% load.
9.
Input step transient time between 1 and 10 microseconds.
10. Turn-on delay time measurement is for either a step application of power at the input or the removal of a
ground signal from the inhibit pin while power is applied to the input.
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Short Circuit Recovery 6
4, 5, 6
0% load to 100% load
25
ms
Switching Frequency 3
4, 5, 6
100% load
500
550
600
KHz
Output Response To Step
Transient Load Changes 3, 7
4, 5, 6
4, 5, 6
Load step 50%
Ù 100%
Load step 0%
Ù 50%
-400
-800
+400
+800
mV pk
Recovery Time, Step Transient
Load Changes 3, 7, 8
4, 5, 6
4, 5, 6
Load step 50%
Ù 100%
Load step 0%
Ù 50%
100
2000
µs
Output Response Transient Step
Line Changes 3, 6, 9
AMA2805D
AMA2812D
AMA2815D
4, 5, 6
4, 5, 6
4, 5, 6
Input step 16
Ù 40Vdc,
100% load
-550
-750
-750
+550
+750
+750
mV pk
Recovery Time Transient Step Line
Changes 3, 6, 9
4, 5, 6
Input step 16
⇔ 40Vdc,
100% load
1200
µs
Turn On Overshoot 3, 10
4, 5, 6
4, 5, 6
0% load
100% load
600
400
mV pk
Turn On Delay 3, 10
4, 5, 6
0% load to 100% load
25
ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com