Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMA2805S/CH Datasheet(PDF) 5 Page - International Rectifier

Part # AMA2805S/CH
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMA2805S/CH Datasheet(HTML) 5 Page - International Rectifier

  AMA2805S/CH Datasheet HTML 1Page - International Rectifier AMA2805S/CH Datasheet HTML 2Page - International Rectifier AMA2805S/CH Datasheet HTML 3Page - International Rectifier AMA2805S/CH Datasheet HTML 4Page - International Rectifier AMA2805S/CH Datasheet HTML 5Page - International Rectifier AMA2805S/CH Datasheet HTML 6Page - International Rectifier AMA2805S/CH Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
AMA28XXD Series
Block Diagram
Application Information
Inhibit Function (Enable)
Connecting the enable input (Pin 5) to input common
(Pin 7) will cause the converter to shut down. It is
recommended that the enable pin be driven by an
open collector device capable of sinking at least 400
µA of current. The open circuit voltage of the inhibit
input is 10 +1.0 VDC.
An optional EMI filter is available (ASF461 or AFH461)
will reduce the input ripple current to levels below the
limits imposed by MIL-STD-461 CE03.
EMI Filter
Thermal Considerations
Irrespective of the fact that the AMA28XXD series
of converters are relatively low power devices and
are designed to provide efficient voltage
conversion, there will be some heat generated
during normal operation. To avoid a continuous
thermal rise that may eventually exceed the
maximum case temperature rating and to maintain
a safe operating environment for the internal
components, these converters should be attached
to a heat conducting surface allowing a continuous
flow of the heat away from the base plate. This
becomes more important when operating in the near
vacuum environment of space which provides no
alternate heat radiating path.
Radiation Specification
Parameter
Condition
Min
Typ
Max
Unit
Total Ionizing Dose
MIL-STD-883, Method 1019.4
Operating bias applied during exposure
25
—
—
KRads
(Si)
Heavy Ion
(Single event effects)
BNL Dual Van de Graf Generator
60
—
—
MeV
•cm2
/mg
International Rectifier currently does not have a DSCC certified Radiation Hardness Assurance Program.
Controller
Error
Amplifier
1
2
8
6
7
5
Case
Output
Return
+Output
Enable
Input
Return
+Input
3
-Output
CS
Housekeeping
Supply



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com