Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHV2805DFES Datasheet(PDF) 4 Page - International Rectifier

Part # AHV2805DFES
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHV2805DFES Datasheet(HTML) 4 Page - International Rectifier

  AHV2805DFES Datasheet HTML 1Page - International Rectifier AHV2805DFES Datasheet HTML 2Page - International Rectifier AHV2805DFES Datasheet HTML 3Page - International Rectifier AHV2805DFES Datasheet HTML 4Page - International Rectifier AHV2805DFES Datasheet HTML 5Page - International Rectifier AHV2805DFES Datasheet HTML 6Page - International Rectifier AHV2805DFES Datasheet HTML 7Page - International Rectifier AHV2805DFES Datasheet HTML 8Page - International Rectifier AHV2805DFES Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.irf.com
AHV28XX Series
For Notes to Specifications, refer to page 5
Specifications (Triple Output Models)
T
CASE = -55°C to +125°C, VIN = +28V ± 5% unless otherwise specified
Input voltage
-0.5V to +50VDC (Continous), 80V (100 msec)
Power output
Internally limited, 17.5W typical
Soldering temperature
300°C for 10 seconds (1 pin at a time)
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +135°C
Absolute Maximum Ratings
AHV2812T
AHV2815T
TEST
SYMBOL
Condition
-55
°C ≤ TC ≤ +125°C,
VIN = 28 VDC ±5%, CL=0,
unless otherwise specified
Group A
Subgroups
Min
Max
Min
Max
Units
STATIC
CHARACTERISTICS
OUTPUT
Voltage 1
VOUT
IOUT = 0 (main)
IOUT = 0 (dual)
1
1
2,3
1
2,3
4.95
4.90
±11.88
±11.76
5.05
5.10
±12.12
±12.24
4.95
4.90
±14.85
±14.70
5.05
5.10
±15.15
±15.30
V
V
V
V
Current 1,2,3
IOUT
VIN = 16, 28, and 40 VDC (main)
1,2,3
0.0
2000
0.0
2000
mA
Ripple Voltage 1,4
VRIP
VIN = 16, 28, and 40 VDC (dual)
1
VIN = 16, 28, and 40 VDC
1,2,3
1,2,3
0.0
±208
80
0.0
±167
80
mA
mVp-p
BW = DC to 2 MHz (main)
VIN = 16, 28, and 40 VDC
BW = DC to 2 MHz (main)
1,2,3
40
40
MVp-p
Power 1,2,3
POUT
VIN = 16, 28, and 40 VDC (main)
(+dual)
(-dual)
(total)
1,2,3
1,2,3
1,2,3
1,2,3
10
2.5
2.5
15
10
2.5
2.5
15
W
W
W
W
REGULATION
Line 1,3
Load 1,3
VRLINE
VRLOAD
VIN = 16, 28, and 40 VDC
IOUT = 0, 50%, and 100% load (main)
IOUT = 0, 50%, and 100% load (dual)
VIN = 16, 28, and 40 VDC
IOUT = 0, 50%, and 100% load (main)
IOUT = 0, 50%, and 100% load (dual)
1,2,3
25
±60
50
±60
25
±75
50
±75
mV
INPUT
Current
Ripple Current 4
IIN
IRIP
IOUT = 0, Inhibit (pin 8)
Tied to input return (pin 10)
IOUT = 0
Inhibit (pin 2) = open
IOUT = 2000 mA (main)
IOUT = ±208mA (±12V)
IOUT = ±167mA (±15V)
BW = DC to 2MHz
1,2,3
1,2,3
1,2,3
15
50
50
15
50
50
mA
mA
mAp-p
EFFICIENCY
EFF
IOUT = 2000mA (main)
IOUT = ±208mA (±12V)
IOUT = ±167mA (±15V)
1
72
72
%
ISOLATION
ISO
Input to output or any pin to
case (except pin 7) at 500 VDC,
TC = +25°C
1
100
100
M
Ω
Capacitive Load 6,7
CL
No effect on DC performance
TC = +25
°C (main)
(dual)
4
500
200
500
200
µF
Load Fault
Power Dissipation 3
PD
Overload, TC = +25
°C5
Short Circuit, TC = +25
°C
1
1
8.5
8.5
8.5
8.5
W
Switching Frequency 1
FS
IOUT = 2000mA (main)
IOUT = ±208mA (±12V)
IOUT = ±167mA (±15V)
4
450
550
450
550
KHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com