Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHV2805DFES Datasheet(PDF) 5 Page - International Rectifier

Part # AHV2805DFES
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHV2805DFES Datasheet(HTML) 5 Page - International Rectifier

  AHV2805DFES Datasheet HTML 1Page - International Rectifier AHV2805DFES Datasheet HTML 2Page - International Rectifier AHV2805DFES Datasheet HTML 3Page - International Rectifier AHV2805DFES Datasheet HTML 4Page - International Rectifier AHV2805DFES Datasheet HTML 5Page - International Rectifier AHV2805DFES Datasheet HTML 6Page - International Rectifier AHV2805DFES Datasheet HTML 7Page - International Rectifier AHV2805DFES Datasheet HTML 8Page - International Rectifier AHV2805DFES Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.irf.com
5
AHV28XX Series
Notes to Specifications (Triple Output Models)
Specifications (Triple Output Models) - continued
1. Tested at each output.
2. Parameter guaranteed by line and load regulation tests.
3. At least 25% of the total power should be taken from the (+5V) main output.
4. Bandwidth guaranteed by design. Tested for 20KHz to 2MHz.
5. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit
protection and is the condition of maximum power dissipation.
6. Capacitive load may be any value from 0 to the maximum limit without affecting dc performance. A capacitive load in excess of the
maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a
short circuit during turn-on.
7. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter parameters shall be
guaranteed to the limits specified.
8. Above 125
°C case temperature, derate output power linearly to 0 at 135°C case.
9. Load step transition time between 2µs and 10µs.
10. Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of VOUT at 50% load.
11. Input step transition time between 2µs and 10µs.
12. Turn on delay time measurement is for either a step application of power at input or the removal of a ground signal from the inhibit
pin (pin 8) while power is applied to the input.
Notes to Specifications (Dual Output Models)
1. Tested at each output.
2. Parameter guaranteed by line and load regulation tests.
3. Bandwidth guaranteed by design. Tested for 20KHz to 2MHz.
4. Total power at both outputs.
5. When operating with unbalanced loads, at least 25% of the load must be on the positive output to maintain regulation.
6. Capacitive load may be any value from 0 to the maximum limit without affecting dc performance. A capacitive load in excess of the
maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a
short circuit during turn-on.
7. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter parameters shall be
guaranteed to the limits specified.
8. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit
protection and is the condition of maximum power dissipation.
9. Load step transition time between 2µs and 10µs.
10. Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of VOUT at 50% load.
11. Input step transition time between 2µs and 10µs.
12. Turn on delay time measurement is for either a step application of power at input or the removal of a ground signal from the inhibit
pin (pin 2) while power is applied to the input.
13. Above 125
°C case temperature, derate output power linearly to 0 at 135°C.
AHV2812T
AHV2815T
TEST
SYMBOL
Condition
-55
°C ≤ TC ≤ +125°C,
VIN = 28 VDC ±5%, CL=0,
unless otherwise specified
Group A
Subgroups
Min
Max
Min
Max
Units
DYNAMIC
CHARACTERISTICS
Step Load Changes
Output Transient
9
Recovery
9,10
VOTLOAD
TTLOAD
50% Load 135 100% Load
No Load 135 50%
50% Load 135 100%
No Load 335 50% Load
50% Load 335 No lLoad
4
4
4
4
4
-300
-400
+300
+400
100
2000
5.0
-300
-400
+300
+400
100
2000
5.0
mVpk
mVpk
µs
µs
ms
Step Line Changes
Output Transient
Recovery
7,10, 11
VOTLINE
TTLINE
Input step 16 to 40 VDC
Input step 40 to 16 VDC
Input step 16 to 40 VDC
Input step 40 to 16 VDC
4
4
4
4
1200
-1500
4.0
4.0
1200
-1500
4.0
4.0
mVpk
mVpk
µs
µs
TURN-ON
Overshoot 1
Delay
1,12
VTonOS
T on D
IOUT = o and
±625mA
IOUT = o and ±625mA
4
4
750
15
750
15
mVpk
ms
Load Fault Recovery
7
TRLF
4
15
15
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com