Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF2805D/EM Datasheet(PDF) 5 Page - International Rectifier

Part # AMF2805D/EM
Description  HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2805D/EM Datasheet(HTML) 5 Page - International Rectifier

  AMF2805D/EM Datasheet HTML 1Page - International Rectifier AMF2805D/EM Datasheet HTML 2Page - International Rectifier AMF2805D/EM Datasheet HTML 3Page - International Rectifier AMF2805D/EM Datasheet HTML 4Page - International Rectifier AMF2805D/EM Datasheet HTML 5Page - International Rectifier AMF2805D/EM Datasheet HTML 6Page - International Rectifier AMF2805D/EM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
AMF28XXD Series
Block Diagram
Application Information
Inhibit Function (Enable)
EMI Filter
Device Synchronization
Notes to Specifications
An optional EMI filter is available (AFH461) that will
reduce the input ripple current to levels below the
limits imposed by MIL-STD-461 CE03.
When multiple DC/DC converters are utilized in a
single system, significant low frequency noise may
be generated due to a small difference in the
switching frequency of the converters (beat
frequency noise). Because of the low frequency
nature of this noise (typically less than 10KHz), it is
difficult to filter out and may interfere with proper
operation of sensitive systems (communication,
radar or telemetry). International Rectifier provides
synchronization of multiple AMF type converters to
match switching frequency of the converter to the
frequency of the system clock, thus eliminating this
type of noise.
(Pin 7) will cause the converter to shut down. It is
recommended that the enable pin be driven by an
open collector device capable of sinking at least 400
µA of current. If the user chooses not to use the inhibit
function, it may be left open and the converter will
function normally. Because it is internally pulled up,
the open circuit voltage of the inhibit input is 10 +1.0VDC.
1.
Applicable to positive and negative outputs.
2.
Maximum combined output is 12W. 10.8W (max.) is available from either output (90%).
3.
Load current split equally between +V
OUT and –VOUT.
4.
1.2W load on output under test, 1.2W to 10.8W load change on other output.
5.
Capacitive value may be any value from 0 to the maximum limit without compromising DC performance. A
capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the operation
of the load fault detection circuitry, appearing as a short circuit during turn-on.
6.
Parameter shall be tested as part of design characterization and after design or process changes. Thereafter,
parameters shall be guaranteed to the limit specified.
7.
Load step transition time between 2.0
µs and 10µs.
8.
Recovery time is measured from initiation of the transient to where V
out has returned to within ±1% of Vout at
50% load.
9.
Input step transient time between 1.0
µs and 10µs.
10. Turn-on delay time measurement is for either a step application of power at the input or the removal of a
ground signal from the inhibit pin while power is applied to the input.
3
4
+Output
Output
Return
Pulse Width
Modulator
Primary
Housekeeping
Supply
EMI
Filter
8
1
2
7
+Input
Enable
Sync
Input
Input
Return
FB
CS
Drive
5
- Output
6
Case
Error
Amp &
Ref
Connecting the enable input (Pin 1) to input common



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com