Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF2805D/EM Datasheet(PDF) 7 Page - International Rectifier

Part # AMF2805D/EM
Description  HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2805D/EM Datasheet(HTML) 7 Page - International Rectifier

  AMF2805D/EM Datasheet HTML 1Page - International Rectifier AMF2805D/EM Datasheet HTML 2Page - International Rectifier AMF2805D/EM Datasheet HTML 3Page - International Rectifier AMF2805D/EM Datasheet HTML 4Page - International Rectifier AMF2805D/EM Datasheet HTML 5Page - International Rectifier AMF2805D/EM Datasheet HTML 6Page - International Rectifier AMF2805D/EM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
AMF28XXD Series
Part Numbering
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR SANTA CLARA: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 09/2008
Standard Microcircuit Drawing Equivalence Table
Standard Microcircuit
IR Standard
Drawing Number
Part Number
5962-05222
AMF2812D
5962-05223
AMF2815D
Device Screening
Requirement
MIL-STD-883 Method
No Suffix d
CH d
EM
Temperature Range
-55°C to +125°C
-55°C to +125°C
-55°C to +85°C
Element Evaluation
MIL-PRF-38534
Class H
Class H
N/A
Non-Destructive Bond Pull
2023
N/A
N/A
N/A
Internal Visual
2017
Yes
Yes
c
Temperature Cycle
1010
Cond C
Cond C
Cond C
Constant Acceleration
2001, Y1 Axis
3000 Gs
3000 Gs
3000 Gs
PIND
2020
Cond A
Cond A
N/A
320 hrs @ 125°C
320 hrs @ 125°C
48 hrs @ 125°C
( 2 x 160hrs )
( 2 x 160hrs )
Final Electrical
MIL-PRF-38534
-55°C, +25°C,
-55°C, +25°C,
-55°C, +25°C,
( Group A )
& Specification
+125°C
+125°C
+85°C
PDA
MIL-PRF-38534
2%
2%
N/A
Seal, Fine and Gross
1014
Cond A, C
Cond A, C
Cond A
Radiographic
2012
Yes
Yes
N/A
External Visual
2009
Yes
Yes
c
Burn-In
1015
Notes:
 Best commercial practice.
‚ Device with ‘/CH’ suffix is a DSCC class H compliant without radiation performance. No suffix is a radiation rated
device but not available as a DSCC qualified SMD per MIL-PRF-38534.
International Rectifier currently does not have a DSCC certified Radiation Hardness Assurance Program.
AMF 28 05 D /EM
Model
Input Voltage
28 = 28V
Output
S = Single
D = Dual
Output Voltage
05 = ±5V
12 = ±12V
15 = ±15V
Screening Level
(Please refer to Screening Table)
No Suffix, CH, EM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com