Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA2805D/CH Datasheet(PDF) 3 Page - International Rectifier

Part # ASA2805D/CH
Description  HYBRID-HIGH RELIABILITYDC/DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ASA2805D/CH Datasheet(HTML) 3 Page - International Rectifier

  ASA2805D/CH Datasheet HTML 1Page - International Rectifier ASA2805D/CH Datasheet HTML 2Page - International Rectifier ASA2805D/CH Datasheet HTML 3Page - International Rectifier ASA2805D/CH Datasheet HTML 4Page - International Rectifier ASA2805D/CH Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.irf.com
3
ASA28XXD Series
Notes to Specifications
1.
Parameter guaranteed by line, load, and cross regulation tests.
2.
Up to 80% of full power is available from either output provided the total output does not exceed 5W.
3.
Bandwidth of DC to 20MHz is guaranteed by design. Tested for 20KHz to 2MHz.
4.
Load current split equally between +V
OUT and -VOUT.
5.
1.0W load on output under test, 1.0W to 4.0W load change on other output.
6.
Capacitive load may be any value from 0 to the maximum limit without compromising DC performance. A capacitive load in excess
of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry,
appearing as a short circuit during turn-on.
7.
Parameter shall be tested as part of design characterization and after design or process changes. Thereafter, parameters shall
be guaranteed to the limits specified.
8.
An overload is a condition with a load in excess of rated but less than that necessary to trigger the short circuit protection and is
the condition of maximum power dissipation.
9.
Load step transition time between 2
µs and 10µs.
10.
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of VOUT at 50% load.
11.
Input step transition time between 2
µs and 10µs.
12.
Turn-on delay time measurements is for either a step application of power at the input or the removal of ground connection from
enable pin (pin 5) with power applied to the input.
Block Diagram
Controller
Error
Amplifier
1
2
8
6
7
5
Case
Output
Return
+Output
Inhibit
Input
Return
+Input
3
-Output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com