Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA2805D/CH Datasheet(PDF) 1 Page - International Rectifier

Part # ASA2805D/CH
Description  HYBRID-HIGH RELIABILITYDC/DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ASA2805D/CH Datasheet(HTML) 1 Page - International Rectifier

  ASA2805D/CH Datasheet HTML 1Page - International Rectifier ASA2805D/CH Datasheet HTML 2Page - International Rectifier ASA2805D/CH Datasheet HTML 3Page - International Rectifier ASA2805D/CH Datasheet HTML 4Page - International Rectifier ASA2805D/CH Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
01/11/07
www.irf.com
1
ASA28XXD SERIES
Description
Up To 5.0W Output Power
±
5V, ±12V, ±15V Outputs
High Reliability
Wide Input Voltage Range -16V To 40V
Indefinite Short Circuit and Overload Protection
Popular Industry Standard Pin-Out
Military Screening
Parallel Seam Welded Package
No External Capacitors Required
Input Voltage Surge Protected to MIL-STD-704
Under Voltage Lockout
Standard Microcircuit Drawings Available
Features
28V Input, Dual Output
The ASA28XXD Series of DC/DC converters are high
reliability thick film hybrid converters that use flyback
topology operating at a nominal frequency of 550KHz.
High input to output isolation is achieved through the
use of transformers in the flyback power and feed back
circuits.
The advanced feedback design provides fast loop
response for superior line and load transient
characteristics and offers greater reliability than devices
incorporating optical feedback circuits.
This device is designed to meet MIL-STD-704 input
requirements offering full performance over a 16V to
40V input range. Output Power of up to 5W is available
for either balanced or unbalanced loads.
Connecting the inhibit pin (pin 5) to the input common
(pin 7) will cause the converter to shut down. It is
recommended that the inhibit pin be driven by an open
collector device capable of sinking at least 400
µA. The
open circuit voltage of the inhibit pin is 11.5 ± 0.5V.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Variations in electrical, mechanical and screening can
be accommodated. Extensive computer simulation
using complex modeling enables rapid design
modification to be provided. Contact IR Santa Clara
with specific requirements.
HYBRID-HIGH RELIABILITY
DC/DC CONVERTER
ASA
PD-94540A


Similar Part No. - ASA2805D/CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2805D-CH IRF-ASA2805D-CH Datasheet
39Kb / 4P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA2805D-ES IRF-ASA2805D-ES Datasheet
39Kb / 4P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA2805D-HB IRF-ASA2805D-HB Datasheet
39Kb / 4P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results

Similar Description - ASA2805D/CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP270XXD IRF-AHP270XXD Datasheet
215Kb / 10P
HYBRID-HIGH RELIABILITYDC/DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2700S IRF-AFL2700S_15 Datasheet
539Kb / 16P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR2800D IRF-ATR2800D_15 Datasheet
275Kb / 8P
HYBRID - HIGH RELIABILITY DC-DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHP27005DXES IRF-AHP27005DXES Datasheet
214Kb / 10P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com