Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHF2803S/CH Datasheet(PDF) 15 Page - International Rectifier

Part # AHF2803S/CH
Description  HYBRID-HIGH RELIABILITY DC-DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2803S/CH Datasheet(HTML) 15 Page - International Rectifier

Back Button AHF2803S/CH Datasheet HTML 11Page - International Rectifier AHF2803S/CH Datasheet HTML 12Page - International Rectifier AHF2803S/CH Datasheet HTML 13Page - International Rectifier AHF2803S/CH Datasheet HTML 14Page - International Rectifier AHF2803S/CH Datasheet HTML 15Page - International Rectifier AHF2803S/CH Datasheet HTML 16Page - International Rectifier AHF2803S/CH Datasheet HTML 17Page - International Rectifier AHF2803S/CH Datasheet HTML 18Page - International Rectifier AHF2803S/CH Datasheet HTML 19Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
www.irf.com
15
AHF28XX Series
1.
Parameter guaranteed by line load and cross regulation tests.
2.
Up to 90 percent of full power is available from either output provided the total output does not exceed 12W.
3.
Bandwidth guaranteed by design. Tested for 20KHz to 2.0MHz.
4.
Load current split equally between +V
OUT and –VOUT.
5.
1.2 watt load on output under test, 1.2W to 10.8W load change on other output.
6.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance.
A capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the
operation of the load fault detection circuitry, appearing as a short circuit during turn-on.
7.
Parameter shall be tested as part of design characterization and after design or process changes.
Thereafter, parameters shall be guaranteed to the limits specified in Table VI.
8.
An overload is that condition with a load in excess of the rated load but less than that necessary to
trigger the short circuit protection and is the condition of maximum power dissipation.
9.
Load step transition time between 2.0
µs and 10µs.
10. Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1.0
percent of V
OUT at 50 percent load.
11. Input step transition time between 2.0
µs and 10µs.
12. Turn-on delay time measurement is for either a step application of power at the input or the removal of
a ground signal from the inhibit pin (pin 1) while power is applied to the input.
Table VII. Electrical Performance Characteristics - continued
AHF2815D
Notes to Specifications
Test
Symbol
Conditions
Group A
Device
Unit
-55°C
≤ Tc ≤ +125°C
Subgroups
Types
Vin = 28Vdc ±5%, CL = 0
Unless otherwise specified
Min
Max
50% to/from 100%
rated load
0% to/from 50%
rated load
Input step 16V to/from
40Vdc, IOUT = 100%
4,5,6
01
-750
+750
mVpk
rated load
Input step 16V to/from
40Vdc, IOUT = 100%
4,5,6
1200
µs
rated load
Turn on overshoot
4
VTonOS IOUT = o and 100% rated load
4,5,6
01
750
mVpk
Turn on delay
TonD
IOUT = o and 100% rated load
9
4,5,6
01
25
ms
Load fault
recovery
4, 9
Weight
38
g
Limits
70
VOTLOAD
Recovery time
transient step line
changes
4, 7, 10, 11
TTLINE
VOTLINE
01
01
Recovery time step
transient load
changes
4, 9,10
50% to/from 100% rated load
0% to/from 50% rated load
01
TTLOAD
Output response to
transient step line
changes
4, 7, 11
4,5,6
Output response to
step transient load
changes
4, 9
ms
TrLF
4,5,6
01
25
µs
4,5,6
4,5,6
-200
+200
-800
+800
mVpk
4,5,6
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com