Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHF2803S/CH Datasheet(PDF) 18 Page - International Rectifier

Part # AHF2803S/CH
Description  HYBRID-HIGH RELIABILITY DC-DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2803S/CH Datasheet(HTML) 18 Page - International Rectifier

Back Button AHF2803S/CH Datasheet HTML 11Page - International Rectifier AHF2803S/CH Datasheet HTML 12Page - International Rectifier AHF2803S/CH Datasheet HTML 13Page - International Rectifier AHF2803S/CH Datasheet HTML 14Page - International Rectifier AHF2803S/CH Datasheet HTML 15Page - International Rectifier AHF2803S/CH Datasheet HTML 16Page - International Rectifier AHF2803S/CH Datasheet HTML 17Page - International Rectifier AHF2803S/CH Datasheet HTML 18Page - International Rectifier AHF2803S/CH Datasheet HTML 19Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18
www.irf.com
AHF28XX Series
Pin Designation
Mechanical Outlines
1.450
(36.83)
0.260
(6.600)
0.030 dia., 8 pins
(0.760)
0.800
(20.32)
4
7
5
8
6
1
2
3
1.120
(28.45)
0.090 R Typ
(2.290)
0.330
(8.380)
MAX
1.105
(28.07)
0.905
(22.99)
0.705
(17.91)
0.505
(12.83)
0.205
(5.21)
Non-Flanged
Flanged
Pin #
Single Output
Dual Output
1
Enable Input
Enable Input
2
NC
+ Output
3
Output Return
Output Return
4
+ Output
- Output
5NC
NC
6
Case
Case
7
Input Return
Input Return
8
+Input
+Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com