Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHF2805S/CH Datasheet(PDF) 16 Page - International Rectifier

Part # AHF2805S/CH
Description  HYBRID-HIGH RELIABILITY DC-DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2805S/CH Datasheet(HTML) 16 Page - International Rectifier

Back Button AHF2805S/CH Datasheet HTML 11Page - International Rectifier AHF2805S/CH Datasheet HTML 12Page - International Rectifier AHF2805S/CH Datasheet HTML 13Page - International Rectifier AHF2805S/CH Datasheet HTML 14Page - International Rectifier AHF2805S/CH Datasheet HTML 15Page - International Rectifier AHF2805S/CH Datasheet HTML 16Page - International Rectifier AHF2805S/CH Datasheet HTML 17Page - International Rectifier AHF2805S/CH Datasheet HTML 18Page - International Rectifier AHF2805S/CH Datasheet HTML 19Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
www.irf.com
AHF28XX Series
Application Information
Connecting the enable input (Pin 1) to input common (Pin 7)
will cause the converter to shut down. It is recommended
that the enable pin be driven by an open collector device
capable of sinking at least 400µA of current. The open
circuit voltage of the enable input is 15 ± 1.0VDC. If the
inhibit function is not used, this input can be left unconnected
because it is internally pulled-up.
Thermal Management
Assuming that there is no forced air flow, the package
temperature rise above ambient (
∆T) may be calculated
using the following expression:
where A = the effective surface area in square inches
(including heat sink if used), P = power dissipation in watts.
The total surface area of the AHF package is 4.9 square
inches. If a worse case full load efficiency of 78% is assumed,
then the case temperature rise can be calculated as follows:
Hence, if T
AMBIENT = +25°C, the DC/DC converter
case
temperature will be approximately 100
°C if no heat sink
or air flow is provided.
Inhibit Function (Enable)
∆T ≈ 80 A –0.7p 0.85 (°C)
W
Eff
P
P
OUT
4
.
3
1
78
.
0
1
12
1
1
=
⎥⎦
⎤
⎢⎣
⎡
−
=
⎥
⎦
⎤
⎢
⎣
⎡
−
=
∆T = 80 (4.9)-0.7 (3.4)0.85 = 74°C
To calculate the heat sink area required to maintain a
specific case temperature rise, the above equation may
be manipulated as follows:
PKG
Α
−
⎥⎦
⎤
⎢⎣
⎡
Ρ
∆Τ
− 43
.
1
85
.
0
80
A
HEAT SINK =
As an example, if a maximum case temperature rise of
50°C rise above ambient is desired, then the required
effective heat sink area is:
2
43
.
1
85
.
0
.
75
.
3
9
.
4
)
4
.
3
(
80
50
in
HEATSINK
=
−
⎥⎦
⎤
⎢⎣
⎡
=
Α
−
Standard Microcircuit Drawing Equivalence Table
Standard Microcircuit
Vendor Cage
IR Standard
Drawing Number
Code
Part Number
5962-91600
52467
AHF2805S
5962-94568
52467
AHF2812S
5962-94563
52467
AHF2815S
5962-05205
52467
AHF2805D
5962-92111
52467
AHF2812D
5962-92351
52467
AHF2815D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com