Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHF2805S/CH Datasheet(PDF) 10 Page - International Rectifier

Part # AHF2805S/CH
Description  HYBRID-HIGH RELIABILITY DC-DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2805S/CH Datasheet(HTML) 10 Page - International Rectifier

Back Button AHF2805S/CH Datasheet HTML 6Page - International Rectifier AHF2805S/CH Datasheet HTML 7Page - International Rectifier AHF2805S/CH Datasheet HTML 8Page - International Rectifier AHF2805S/CH Datasheet HTML 9Page - International Rectifier AHF2805S/CH Datasheet HTML 10Page - International Rectifier AHF2805S/CH Datasheet HTML 11Page - International Rectifier AHF2805S/CH Datasheet HTML 12Page - International Rectifier AHF2805S/CH Datasheet HTML 13Page - International Rectifier AHF2805S/CH Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
www.irf.com
AHF28XX Series
Specifications
AHF2805D
Table V. Electrical Performance Characteristics
For Notes to Specifications, refer to page 11
Input voltage
-0.5V to +50V
S oldering tem perature
300°C for 10 seconds
O perating case tem perature
-55°C to +125°C
S torage case tem perature
-65°C to +135°C
A bso lu te M axim u m R ating s
Test
Symbol
Conditions
Group A
Device
Unit
-55°C
≤ Tc ≤ +125°C
Subgroups
Types
Vin = 28Vdc ±5%, CL = 0
Unless otherwise specified
Min
Max
1
±4.95
±5.05
2,3
±4.90
±5.10
VIN = 16, 28, and 40Vdc
each output
VIN = 16, 28, and 40Vdc,
B.W. = 20 Hz to 2MHz
VIN = 16, 28, and 40Vdc,
Line regulation
4
VRLINE Iout = 0%, 50% and 100%
1,2,3
01
30
mV
rated load
VIN = 16, 28, and 40Vdc,
Load regulation
4
VRLOAD IOUT = 0%, 50% and 100%
1,2,3
01
30
mV
rated load
Cross regulation
5
VRCROSS 10% to 90% load changes
1,2,3
01
±10
%
IOUT = 0, inhibit (pin 1)
tied to input return (pin 7)
IOUT = 0,
inhibit (pin 1) = open
IOUT = 100% rated load
B.W. = 20 Hz to 2.0MHz
IOUT = 100% rated load,
1,3
75
Tc = +25°C,
272
Input to output or any pin
Isolation
ISO
to case (except pin 6)
1
01
100
M
Ω
at 500Vdc, Tc = +25°C
No effect on dc performance,
Tc = +25°C,
total for both outputs
Power dissipation
Overload, Tc = +25°C
6.0
load fault
Short circuit, Tc = +25°C
2.0
Switching frequency
FS
IOUT = 100% rated load
4,5,6
01
500
600
KHz
mA
Capacitive load
6, 7
01
1,2,3
Input current
IIN
1,2,3
PD
W
µF
200
01
4
CL
mA p-p
Efficiency
4
EFF
01
%
Input ripple current
3, 4
IRIP
1,2,3
V
01
60
mV p-p
A
0.12
1.08
01
01
12
01
50
60
Output voltage
VOUT
IOUT = 0
Output ripple voltage
3
VRIP
Output current
1, 2
IOUT
1,2,3
Limits
01
1,2,3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com