Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF2805D Datasheet(PDF) 4 Page - International Rectifier

Part # AMF2805D
Description  HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2805D Datasheet(HTML) 4 Page - International Rectifier

  AMF2805D Datasheet HTML 1Page - International Rectifier AMF2805D Datasheet HTML 2Page - International Rectifier AMF2805D Datasheet HTML 3Page - International Rectifier AMF2805D Datasheet HTML 4Page - International Rectifier AMF2805D Datasheet HTML 5Page - International Rectifier AMF2805D Datasheet HTML 6Page - International Rectifier AMF2805D Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.irf.com
AMF28XXD Series
Dynamic Characteristics -55°C ≤ TCASE ≤ +125°C, VIN=28VDC ±5%, C
L=0, unless otherwise specified.
For Notes to Specifications, refer to page 5
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Short Circuit Recovery
6
AMF2805D
AMF2812D
AMF2815D
4, 5, 6
4, 5, 6
4, 5, 6
0% load to 100% Load
25
25
25
ms
Switching Frequency
3
4, 5, 6
100% load
500
550
600
KHz
Synchronization Input
3
Frequency Range
Pulse Amplitude, Hi 6
Pulse Amplitude, Lo 6
Pulse Rise time 6
Pulse Duty Cycle 6
4, 5, 6
500
2.5
-0.5
20
700
10
0.8
100
80
KHz
V
V
ns
%
Output Response To Step Transient
Load Changes 3, 7
4, 5, 6
4, 5, 6
Load step 50%Ù100%
Load step 10% Ù 50%
-200
--800
+200
+800
mVpk
Recovery Time, Step Transient Load
Changes
3, 7, 8
4, 5, 6
4, 5, 6
Load step 50%Ù100%
Load step 10%
Ù50%
70
2000
µs
Output Response Transient Step Line
Changes
3, 6, 9
AMF2805D
AMF2812D
AMF2815D
4, 5, 6
4, 5, 6
4, 5, 6
Input step 16Ù to 40Vdc,
100% Load
-450
-750
-750
+450
+750
+750
mVpk
Recovery Time Transient Step Line
Changes
3, 6, 9
4, 5, 6
Input step 16 Ù 40Vdc,
100% load
1200
µs
Turn On Overshoot
3, 10
All
AMF2805D
AMF2812D
AMF2815D
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
0% load
100% load
600
400
300
300
mVpk
Turn On Delay
3, 10
4, 5, 6
0% load to 100% load
25
ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com