Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF2805D Datasheet(PDF) 1 Page - International Rectifier

Part # AMF2805D
Description  HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2805D Datasheet(HTML) 1 Page - International Rectifier

  AMF2805D Datasheet HTML 1Page - International Rectifier AMF2805D Datasheet HTML 2Page - International Rectifier AMF2805D Datasheet HTML 3Page - International Rectifier AMF2805D Datasheet HTML 4Page - International Rectifier AMF2805D Datasheet HTML 5Page - International Rectifier AMF2805D Datasheet HTML 6Page - International Rectifier AMF2805D Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
09/15/08
www.irf.com
1
Description
n 12W Output Power
n Available in ±5V, ±12V and ±15V Outputs
n 16 - 40VDC Input Range (28VDC Nominal)
n Low Input/Output Noise
n Total Ionizing Dose > 25KRads (Si)
n SEE Hardened to LET up to 60MeV.cm
2
/mg
n -55°C to +125°C Operating Range
n Indefinite Short Circuit Protection
n Flexible Mounting
n High Power Density
n Fully Isolated - Input to Output and to Case
n Complimentary EMI Filter Available
n Externally Synchronizable
n Electrical Performance Similar to
AHF28XXD Series
n Standard Microcircuit Drawings Available
Features
AMF
28V Input, Dual Output
The AMF28XXD has been designed for high density using
chip and wire hybrid technology that complies with the class
H requirements of MIL-PRF-38534.
Manufactured in a facility
fully qualified to MIL-PRF-38534, these converters are
fabricated utilizing DSCC qualified processes. For
available screening options, refer to device screening
tableinthedata sheet. Applicable generic lot qualification
test data including radiation performance can be made
available on request. Consult IR Santa Clara for special
requirements.
AMF28XXD SERIES
The AMF28XXD series of DC/DC converter modules
has been specifically designed for operation in
moderate radiation environments supplementing the
higher radiation performance available in the
International Rectifier ART2815T converter series.
Environments presented to space vehicles operating
in low earth orbits, launch boosters, orbiting space
stations and similar applications requiring a low power,
high performance converter with moderate radiation
hardness performance will be optimally served by the
AMF28XXD series.
The physical configuration of the AMF28XXD series
permits mounting directly to a heat conduction surface
without the necessity of signal leads penetrating the
heat sink surface. This package configuration permits
greater independence in mounting and more mechanical
security than traditional packages.
International
Rectifier’s rugged ceramic seal pins are used
exclusively in the package thereby assuring long term
hermeticity.
HYBRID - HIGH RELIABILITY
RADIATION TOLERANT
DC/DC CONVERTER
PD-94688C


Similar Part No. - AMF2805D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMF2805D IRF-AMF2805D Datasheet
69Kb / 7P
28V Input, Dual Output, ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
AMF2805D IRF-AMF2805D Datasheet
79Kb / 7P
ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
AMF2805D IRF-AMF2805D Datasheet
243Kb / 8P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2805D-EM IRF-AMF2805D-EM Datasheet
69Kb / 7P
28V Input, Dual Output, ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
AMF2805D/CH IRF-AMF2805D/CH Datasheet
127Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results

Similar Description - AMF2805D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMA28XXS IRF-AMA28XXS Datasheet
126Kb / 7P
HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2700S IRF-AFL2700S_15 Datasheet
539Kb / 16P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR2800D IRF-ATR2800D_15 Datasheet
275Kb / 8P
HYBRID - HIGH RELIABILITY DC-DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHP27005DXES IRF-AHP27005DXES Datasheet
214Kb / 10P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com