Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART2812T Datasheet(PDF) 4 Page - International Rectifier

Part # ART2812T
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ART2812T Datasheet(HTML) 4 Page - International Rectifier

  ART2812T Datasheet HTML 1Page - International Rectifier ART2812T Datasheet HTML 2Page - International Rectifier ART2812T Datasheet HTML 3Page - International Rectifier ART2812T Datasheet HTML 4Page - International Rectifier ART2812T Datasheet HTML 5Page - International Rectifier ART2812T Datasheet HTML 6Page - International Rectifier ART2812T Datasheet HTML 7Page - International Rectifier ART2812T Datasheet HTML 8Page - International Rectifier ART2812T Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.irf.com
ART28XXT Series
Group A Tests V
IN= 28Volts, CL =0
unless otherwise specified.
Notes to Group A Test Table
1.
Parameter verified during dynamic load regulation tests.
2.
Guaranteed for DC to 20 MHz bandwidth. Test conducted using a 20KHz to 2MHz bandwidth.
3.
Load current is stepped for output under test while other outputs are fixed at half rated load.
4.
Each output is measured for all combinations of line and load. Only the minimum and maximum readings for each output are recorded.
5.
Load step transition time
≥ 10µS.
6.
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of its steady state value.
7.
Turn on delay time is tested by application of a logical low to high transition on the enable pin (pin 3) with power present at the input.
8.
Subgroups 1 and 4 are performed at +25ºC, subgroups 2 and 5 at -55ºC and subgroups 3 and 6 at +125ºC.
Test
Symbol
Conditions unless otherwise specified
Group A
Subgroups
MIN
MAX
Units
Output voltage accuracy
VOUT
IOUT = 1.5 Adc
(main)
IOUT = ±250mAdc
ART2812(dual)
IOUT = ±250mAdc
ART2815(dual)
1, 2, 3
1, 2, 3
1, 2, 3
4.95
±11.70
±14.50
5.05
±12.30
±15.15
V
Output power Note 1
POUT
VIN = 19 V, 28V, 50 V
1, 2, 3
3.0
30
W
Output current
Note 1
IOUT
(main)
VIN 19 V, 28V, 50 V
(dual)
1, 2, 3
1, 2, 3
150
75
3000
500
mA
Output regulation Note 4
VR
IOUT = 150, 1500, 3000mAdc
(main)
VIN = 19 V, 28V, 50 V
IOUT = ±75, ±310, ±625mAdc
2812(dual)
IOUT = ±75, ±250, ±500mAdc
2815(dual)
1, 2, 3
1, 2, 3
1, 2, 3
4.8
±11.1
±14.0
5.2
±12.9
±15.8
V
Input current
IIN
IOUT = minimum rated, Pin 3 open
Pin 3 shorted to pin 2 (disabled)
1, 2, 3
1, 2, 3
250
8.0
mA
Output ripple Note 2
VRIP
VIN = 19 V, 28V, 50 V
IOUT = 3000mA main, ±500mA dual
1, 2, 3
70
mVP-P
Input ripple Note 2
IRIP
VIN = 19 V, 28V, 50 V
IOUT = 3000mA main, ±500mA dual
1, 2, 3
100
mAP-P
Switching frequency
FS
Synchronization pin (pin 6) open
4, 5, 6
225
275
KHz
Efficiency
Eff
IOUT = 3000mA main, ±500mA dual
1
2, 3
83
81
%
Power dissipation,
load fault
PD
Short circuit, any output
1, 2, 3
16
W
Output response to step
load changes Notes 3, 5
VTL
10% Load to/from 50% load
50% Load to/from 100% load
4, 5, 6
4, 5, 6
-200
-200
200
200
mVPK
Recovery time from step
load changes Notes 5, 6
TTL
10% Load to/from 50% load
50% Load to/from 100% load
4, 5, 6
4, 5, 6
200
200
µS
Turn on overshoot
VOS
(main)
IOUT = minimum and full rated
(dual)
4, 5, 6
4, 5, 6
100
500
mV
Turn on delay Note 7
TDLY
IOUT = minimum and full rated
4, 5, 6
5.0
20
mS
Isolation
ISO
500VDC Input to output or any pin to case
(except pin 12)
1
100
M
Ω
ms
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com