Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART2812T Datasheet(PDF) 1 Page - International Rectifier

Part # ART2812T
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ART2812T Datasheet(HTML) 1 Page - International Rectifier

  ART2812T Datasheet HTML 1Page - International Rectifier ART2812T Datasheet HTML 2Page - International Rectifier ART2812T Datasheet HTML 3Page - International Rectifier ART2812T Datasheet HTML 4Page - International Rectifier ART2812T Datasheet HTML 5Page - International Rectifier ART2812T Datasheet HTML 6Page - International Rectifier ART2812T Datasheet HTML 7Page - International Rectifier ART2812T Datasheet HTML 8Page - International Rectifier ART2812T Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
08/10/06
www.irf.com
1
HYBRID - HIGH RELIABILITY
RADIATION HARDENED
DC/DC CONVERTER
ART28XXT SERIES
Description
Features
ART
28V Input, Triple Output
The ART Series of three output DC/DC converters are
designed specifically for use in the hostile radiation
environments characteristic of space and weapon
systems. The extremely high level of radiation tolerance
inherent in the ART design is the culmination of
extensive research, thorough analysis and testing and
of careful component specification. Many of the best
circuit design features characterizing the International
Rectifier standard product line were adapted for
incorporation into the ART topology.
Capable of
uniformly high performance over long term exposures
in radiation intense environments, this series sets the
standard for distributed power systems demanding high
performance and reliability.
The ART converters are hermetically sealed in a
rugged, low profile package utilizing copper core pins
to minimize resistive DC losses. Long-term hermeticity
is assured through use of parallel seam welded lid
attachment along with International Rectifier’s rugged
ceramic pin-to-package seal. Axial orientation of the
leads facilitates preferred bulkhead mounting to the
principal heat-dissipating surface.
n Total Dose > 100 krad (Si), 2:1margin
n SEE Hardened to LET up to 83 Mev.cm2/mg
n Derated per MIL-STD-975 & MIL-STD-1547
n Output Power Range 3 to 30 Watts
n 19 to 50 Volt Input Range
n Input Undervoltage Lockout
n High Electrical Efficiency > 83%
n Full Performance from -55°C to +125°C
n Continuous Short Circuit and Overload
Protection
n 12.8 W/in3 Output Power Density
n True Hermetic Package
n External Inhibit Port
n Externally Synchronizable
n Fault Tolerant Design
n 5V, ±12V or ±15 V Outputs Available
n Standard Microcircuit Drawings Available
Manufactured in a facility fully qualified to MIL-PRF-38534,
these converters are fabricated utilizing DSCC qualified
processes. For available screening options, refer to
device screening table in the data sheet.
Variations in electrical, mechanical and screening
specifications can be accommodated. Contact IR Santa
Clara for special requirements.
PD-94529E


Similar Part No. - ART2812T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ART2812T IRF-ART2812T Datasheet
217Kb / 12P
28V Input, Triple Output / HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
ART2812T IRF-ART2812T Datasheet
231Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART2812T/EM IRF-ART2812T/EM Datasheet
217Kb / 12P
28V Input, Triple Output / HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
ART2812TCKA IRF-ART2812TCKA Datasheet
231Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART2812TCKC IRF-ART2812TCKC Datasheet
231Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - ART2812T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com