Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7342D2 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7342D2
Description  FETKY MOSFET & Schottky Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7342D2 Datasheet(HTML) 2 Page - International Rectifier

  IRF7342D2 Datasheet HTML 1Page - International Rectifier IRF7342D2 Datasheet HTML 2Page - International Rectifier IRF7342D2 Datasheet HTML 3Page - International Rectifier IRF7342D2 Datasheet HTML 4Page - International Rectifier IRF7342D2 Datasheet HTML 5Page - International Rectifier IRF7342D2 Datasheet HTML 6Page - International Rectifier IRF7342D2 Datasheet HTML 7Page - International Rectifier IRF7342D2 Datasheet HTML 8Page - International Rectifier IRF7342D2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF7342D2
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current(Body Diode) –––
–––
-2.0
ISM
Pulsed Source Current (Body Diode)
–––
–––
-27
VSD
Body Diode Forward Voltage
–––
–––
-1.2
V
TJ = 25°C, IS = -2.0A, VGS = 0V
trr
Reverse Recovery Time (Body Diode)
–––
54
80
ns
TJ = 25°C, IF = -2.0A
Qrr
Reverse Recovery Charge
–––
85
130
nC
di/dt = 100A/µs
ƒ
A
MOSFET Source-Drain Ratings and Characteristics
Parameter
Max. Units
Conditions
If (av)
Max. Average Forward Current
3.0
50% Duty Cycle. Rectangular Wave, TA = 57°C
See Fig. 21
ISM
Max. peak one cycle Non-repetitive
490
5µs sine or 3µs Rect. pulse
Following any rated
Surge current
70
10ms sine or 6ms Rect. pulse load condition &
with Vrrm applied
A
Schottky Diode Maximum Ratings
A
Schottky Diode Electrical Specifications
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-55
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.054 –––
V/°C
Reference to 25°C, ID = -1mA
–––
95
105
VGS = -10V, ID = -3.4A
ƒ
–––
150
170
VGS = -4.5V, ID = -2.7A
ƒ
VGS(th)
Gate Threshold Voltage
-1.0
–––
–––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
3.3
–––
–––
S
VDS = -10V, ID = -3.1A
–––
–––
-2.0
VDS = -44V, VGS = 0V
–––
–––
-25
VDS = -44V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -20V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 20V
Qg
Total Gate Charge
–––
26
38
ID = -3.1A
Qgs
Gate-to-Source Charge
–––
3.0
4.5
nC
VDS = -44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
8.4
13
VGS = -10V, See Fig. 6 & 14
ƒ
td(on)
Turn-On Delay Time
–––
14
22
VDD = -28V
tr
Rise Time
–––
10
15
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
43
64
RG = 6.0Ω
tf
Fall Time
–––
22
32
VGS = -10V,
ƒ
Ciss
Input Capacitance
–––
690
–––
VGS = 0V
Coss
Output Capacitance
–––
210
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
86
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
m
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
Parameter
Max. Units
Conditions
Vfm
Max. Forward Voltage Drop
0.61
If = 3.0A, Tj = 25°C
0.76
If = 6.0A, Tj = 25°C
0.53
If = 3.0A, Tj = 125°C
0.65
If = 6.0A, Tj = 125°C
Vrrm
Max. Working Peak Reverse Voltage
60
Irm
Max. Reverse Leakage Current
2.0
mA
Vr = 60V
Tj = 25°C
30
Tj = 125°C
V
V
Ct
Max. Junction Capacitance
145
pF
Vr = 5Vdc ( 100kHz to 1 MHz) 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com