Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7342D2 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7342D2
Description  FETKY MOSFET & Schottky Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7342D2 Datasheet(HTML) 1 Page - International Rectifier

  IRF7342D2 Datasheet HTML 1Page - International Rectifier IRF7342D2 Datasheet HTML 2Page - International Rectifier IRF7342D2 Datasheet HTML 3Page - International Rectifier IRF7342D2 Datasheet HTML 4Page - International Rectifier IRF7342D2 Datasheet HTML 5Page - International Rectifier IRF7342D2 Datasheet HTML 6Page - International Rectifier IRF7342D2 Datasheet HTML 7Page - International Rectifier IRF7342D2 Datasheet HTML 8Page - International Rectifier IRF7342D2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Parameter
Maximum
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-3.4
A
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
-2.7
IDM
Pulsed Drain Current
À
-27
PD @TA = 25°C
Power Dissipation
2.0
W
PD @TA = 70°C
Power Dissipation
1.3
Linear Derating Factor
16
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
Á
-5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to +150
°C
l Co-packaged HEXFET
® Power
MOSFET and Schottky Diode
l Ideal For Buck Regulator Applications
l P-Channel HEXFET
®
l Low VF Schottky Rectifier
l SO-8 Footprint
IRF7342D2
10/21/04
FETKY
MOSFET & Schottky Diode
Absolute Maximum Ratings (TA = 25°C Unless Otherwise Noted)
TM
Description
VDSS = -55V
RDS(on) = 105mΩ
Schottky Vf = 0.61V
The FETKYTM family of Co-packaged HEXFETs and
Schottky diodes offer the designer an innovative board
space saving solution for switching regulator
and
power management applications. HEXFETs utilize
advanced processing techniques to achieve extremely
low on-resistance per silicon area.
Combining this
technology with International Rectifier's low forward
drop Schottky rectifiers results in an extremely efficient
device suitable for use in a wide variety of portable
electronics applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics. The
SO-8 package is designed for vapor phase, infrared or
wave soldering techniques.
Top View
8
1
2
3
4
5
6
7
A
A
S
G
D
D
K
K
Notes:
 Repetitive rating – pulse width limited by max. junction temperature (see fig. 11)
‚ I
SD ≤ -3.4A, di/dt ≤ -150A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
ƒ Pulse width ≤ 400µs – duty cycle ≤ 2%
„ Surface mounted on 1 inch square copper board, t ≤ 10sec.
SO-8
www.irf.com
1
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead, MOSFET
–––
20
RθJA
Junction-to-Ambient
„, MOSFET
–––
62.5
°C/W
Thermal Resistance
RθJA
Junction-to-Ambient
„, SCHOTTKY
–––
62.5
PD- 94101A


Similar Part No. - IRF7342D2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
FETKY MOSFET & Schottky Diode
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
203Kb / 11P
Ideal For Buck Regulator Applications
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
Ideal For Buck Regulator Applications
More results

Similar Description - IRF7342D2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
FETKY??MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D1 IRF-IRF7353D1 Datasheet
170Kb / 8P
FETKY MOSFET / Schottky Diode
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
FETKY MOSFET / Schottky Diode
IRF7324D1TR IRF-IRF7324D1TR Datasheet
164Kb / 8P
FETKY MOSFET / Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
FETKY MOSFET / Schottky Diode
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
FETKY MOSFET & Schottky Diode
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
FETKY MOSFET & Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
FETKY??MOSFET / SCHOTTKY DIODE
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
FETKY MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com