Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32632B1222 Datasheet(PDF) 12 Page - EPCOS

Part # B32632B1222
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32632B1222 Datasheet(HTML) 12 Page - EPCOS

Back Button B32632B1222 Datasheet HTML 8Page - EPCOS B32632B1222 Datasheet HTML 9Page - EPCOS B32632B1222 Datasheet HTML 10Page - EPCOS B32632B1222 Datasheet HTML 11Page - EPCOS B32632B1222 Datasheet HTML 12Page - EPCOS B32632B1222 Datasheet HTML 13Page - EPCOS B32632B1222 Datasheet HTML 14Page - EPCOS B32632B1222 Datasheet HTML 15Page - EPCOS B32632B1222 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
Lead spacing
15 mm
22.5 mm
27.5 mm
VR
VRMS
V DC
V AC
dV/dt in V/
µs
630
300
6 000
3 600
2 400
1250
450
14 400
8 400
5 400
1600
450
16 800
10 800
6 600
2000
500
20 400
14 400
8 400
2500
750
16 800
3000
750
21 600
18 000
k0 values
Lead spacing
15 mm
22.5 mm
27.5 mm
VR
VRMS
V DC
V AC
k0 in V2/
µs
630
300
7 560 000
4 536 000
3 024 000
1250
450
36 000 000
21 000 000
13 500 000
1600
450
53 760 000
34 560 000
21 120 000
2000
500
81 600 000
57 600 000
33 600 000
2500
750
84 000 000
3000
750
129 600 000
108 000 000
B32632 ... B32634
Very high pulse (wound)
Page 12 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com