Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32632B1222 Datasheet(PDF) 6 Page - EPCOS

Part # B32632B1222
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32632B1222 Datasheet(HTML) 6 Page - EPCOS

Back Button B32632B1222 Datasheet HTML 2Page - EPCOS B32632B1222 Datasheet HTML 3Page - EPCOS B32632B1222 Datasheet HTML 4Page - EPCOS B32632B1222 Datasheet HTML 5Page - EPCOS B32632B1222 Datasheet HTML 6Page - EPCOS B32632B1222 Datasheet HTML 7Page - EPCOS B32632B1222 Datasheet HTML 8Page - EPCOS B32632B1222 Datasheet HTML 9Page - EPCOS B32632B1222 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
B32632B2471M*** and B32632B2681M*** are only available in M tolerance.
B32632B4471K*** and B32632B4681K*** are only available in K tolerance.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
010 = Untaped crimped (lead length 6
1 mm)
008 = Untaped straight (lead length 17
±3 mm)
020 = Double crimped (lead length 6
1 mm)
Packaging codes for further lead configurations (untaped):
Lead configuration (lead length 6
1 mm)
Reduced
Reduced
Reduced
Enlarged
Lead spacing (mm)
7.5 mm
10 mm
12.5 mm
17.5 mm
Packaging code
030
040
050
060
630 300
2.2
6.0
× 11.5 × 18.5 B32632B6222+*** 3600
4800
4000
3.3
6.0
× 11.5 × 18.5 B32632B6332+*** 3600
4800
4000
4.7
6.0
× 11.5 × 18.5 B32632B6472+*** 3600
4800
4000
6.8
6.0
× 11.5 × 18.5 B32632B6682+*** 3600
4800
4000
10
6.0
× 11.5 × 18.5 B32632B6103+*** 3600
4800
4000
15
6.5
× 12.0 × 18.5 B32632B6153+*** 3200
4000
4000
22
7.5
× 13.5 × 18.5 B32632B6223+*** 2800
3600
4000
33
9.0
× 15.0 × 18.5 B32632B6333+*** 2400
3200
2000
47
11.0
× 16.5 × 18.5 B32632B6473+*** 1800
2400
2000
1250 450
1.0
6.0
× 11.5 × 18.5 B32632B7102+*** 3400
4400
4000
1.5
6.0
× 11.5 × 18.5 B32632B7152+*** 3400
4400
4000
2.2
6.5
× 12.0 × 18.5 B32632B7222+*** 3400
4400
4000
3.3
6.5
× 12.0 × 18.5 B32632B7332+*** 3200
4000
4000
4.7
7.0
× 12.5 × 18.5 B32632B7472+*** 3200
4000
4000
6.8
7.5
× 14.0 × 18.5 B32632B7682+*** 3000
4000
4000
10
9.0
× 15.0 × 18.5 B32632B7103+*** 2400
3200
2000
15
11.5
× 16.5 × 18.5 B32632B7153+*** 1800
2400
2000
B32632
Very high pulse (wound)
Page 6 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com