Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINICELL Datasheet(PDF) 2 Page - EPCOS

Part # MINICELL
Description  Pressure sensors Media-separated pressure transmitters (voltage output)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

MINICELL Datasheet(HTML) 2 Page - EPCOS

  MINICELL Datasheet HTML 1Page - EPCOS MINICELL Datasheet HTML 2Page - EPCOS MINICELL Datasheet HTML 3Page - EPCOS MINICELL Datasheet HTML 4Page - EPCOS MINICELL Datasheet HTML 5Page - EPCOS MINICELL Datasheet HTML 6Page - EPCOS MINICELL Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pressure sensors
Media-separated pressure transmitters (voltage output)
MiniCell series
Preliminary data
AS SEN PD TD
2010-05-08
Please read Cautions and warnings and
Page 2 of 7
Important notes at the end of this document.
Description
Miniaturized media-separated differential pressure transmitters
Suitable for applications in a temperature range of –40 °C up to 140 °C
The transmitters are based on piezoresistive silicon pressure sensors
from our own clean room
The integrated signal conditioner compensates non-linearity and
temperature errors and supplies a precise calibrated output signal with
a high immunity against electromagnetic influences (EMI)
Features
Piezoresistive MEMS technology
High media resistance on both pressure ports because of high alloyed
steel diaphragms: suitable for all media not reacting with high alloyed
steel DIN 1.4435 like fuel, diluted acids, contaminated air, exhaust
gases
Miniaturized integrated ceramic package for OEM applications.
Pressure ports are adaptable for applications
Voltage output proportional to pressure: 0.5 ... 4.5 V
Ratiometric output signal
RoHS-compatible, halogen-free
Dimensional drawings
P 1
P 2
P 3
11±0.1
1.2
2.2±0.1
19.6
1.8
Terminal assignment
Pin
Symbol
Signal
1
VCC
Supply voltage
2
GND
Ground
3
VA
Output signal



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com