Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINICELL Datasheet(PDF) 3 Page - EPCOS

Part # MINICELL
Description  Pressure sensors Media-separated pressure transmitters (voltage output)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

MINICELL Datasheet(HTML) 3 Page - EPCOS

  MINICELL Datasheet HTML 1Page - EPCOS MINICELL Datasheet HTML 2Page - EPCOS MINICELL Datasheet HTML 3Page - EPCOS MINICELL Datasheet HTML 4Page - EPCOS MINICELL Datasheet HTML 5Page - EPCOS MINICELL Datasheet HTML 6Page - EPCOS MINICELL Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pressure sensors
Media-separated pressure transmitters (voltage output)
MiniCell series
Preliminary data
AS SEN PD TD
2010-05-08
Please read Cautions and warnings and
Page 3 of 7
Important notes at the end of this document.
Technical data
Absolute maximum ratings
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Temperature ranges
Storage temperature range
Tst
1)
–40
+140
°C
Operating temperature range
Ta
2)
–40
+140
°C
Compensated temperature range
Tc
3)
–40
+140
°C
Soldering temperature
Tsolder
<5 s (no reflow soldering)
+240
°C
Pressure ranges
Rated differential pressure
pr
4)
±0.5
±1.0
±2.5
bar
Overpressure
pov
4), 5)
2
3
5
pr
Supply voltage /-current
Supply voltage
VCC
6)
4.75
5.5
V
Supply current
ICC
IA = 0
7
mA
Signal output current
IA
7)
2
mA
Output signal at sensor failure
VERR
0.25
V
DC break down voltage
Vis
Types KD, KC only
8)
500
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output signal (ratiometric) @ Ta = 25°C, IA < 0.1 mA
Offset
VA0
Simple output
9)
0.092
0.1
0.108
V/VCC
Symmetrical output
9)
0.492
0.5
0.508
V/VCC
Signal span (Full scale)
VFS
10)
0.792
0.8
0.808
V/VCC
Non-linearity
L
Simple output
10), 11)
±0.25
±0.5
% FS
Symmetrical output
10), 11)
±0.25
±0.5
% FS
Response time
t10-90
12)
1
ms
Measuring error IA < 0.1 mA
Total error
ET
Ta = 25 °C,
13)
0.7
% FS
ET
Ta = 0 ... 85 °C,
13)
1.0
% FS
ET
Ta = –40 ... 140 °C,
13)
1.5
% FS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com