Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMR8050-B-R005-B-2-E Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # PMR8050-B-R005-B-2-E
Description  Power Metal Low OHM Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

PMR8050-B-R005-B-2-E Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  PMR8050-B-R005-B-2-E Datasheet HTML 1Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-E Datasheet HTML 2Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-E Datasheet HTML 3Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-E Datasheet HTML 4Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-E Datasheet HTML 5Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http:// www.sirectsemi.com
Power Metal Low OHM Chip Resistor
□ FEATURES
- Rated power from 0.125 up to 2W
- Low resistance value
- Excellent temperature coefficient
- Excellent frequency response
- Lead-Free available
□ APPLICATIONS
- Current detection
- Linear and switching power supplies
- Motherboard
- Digital camera
- Mobile phone
□ TECHNICAL SPECIFICATIONS
Characteristics
Unit
Feature
Measurement Method
Model
Value
PMR0805
0.125 ~ 0.25
PMR2010
0.5 ~ 2.0
Power Ratings
W
PMR2512
1.0 ~ 2.0
JIS Code 3A / JIS Code 3D
Model
Value
PMR0805A
10 ~ 200
PMR0805B
10 ~ 200
PMR2010C
1 ~ 200
PMR2010D
1 ~ 500
PMR2010E
1 ~ 500
PMR2512D
5 ~ 10
Resistance Value
mΩ
PMR2512E
10 ~ 100
Refer to JIS C 5202 5.1
Temperature Coefficient of
Resistance
ppm/℃
75 ~ 275
Refer to JIS C 5202 5.2
Operation Temperature Range
֯
C
﹣
60 ~ ﹢170
-
Resistance Tolerance
%
± 0.5 ~ 3.0
JIS C 5201 4.2.4
Max. Working Voltage
V
(P*R)1/2
-
Code
Dimensions (mm)
Letter
0805
2010
2512
L
2.05 ± 0.25
5.10 ± 0.25
6.35 ± 0.25
W
1.30 ± 0.25
2.55 ± 0.25
3.20 ± 0.25
H
0.35 ± 0.15
0.65 ± 0.15
0.55 ± 0.25
E
L
E
C
T
R
O
N
I
C
PMR SERIES


Similar Part No. - PMR8050-B-R005-B-2-E

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR ROHM-PMR Datasheet
994Kb / 8P
Ultra-low ohmic jumper chip resistors
logo
Vishay Siliconix
PMR VISHAY-PMR Datasheet
128Kb / 7P
Analog Displacement Sensors for Transportation Applications
09-Sep-15
logo
Rohm
PMR ROHM-PMR Datasheet
624Kb / 8P
Ultra-low ohmic chip resistors for current detection
2015.01 - Rev.F
PMR ROHM-PMR Datasheet
910Kb / 7P
Metal plate shunt resistors
2023.1 - Rev.013
logo
Delta Electronics, Inc.
PMR-12V150W1AT DELTA-PMR-12V150W1AT Datasheet
943Kb / 11P
PMR 150 W series / PMR-□V150W1AT
More results

Similar Description - PMR8050-B-R005-B-2-E

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CSR1206 RIEDON-CSR1206 Datasheet
219Kb / 2P
Ultra Low Ohm (Metal Strip) Chip Resistor
logo
Sirectifier Global Corp...
PRM SIRECT-PRM Datasheet
238Kb / 5P
Power Metal Low OHM Chip Resistor
logo
Riedon Powertron
CSR1206 RIEDON-CSR1206_13 Datasheet
185Kb / 3P
Ultra Low Ohm (Metal Strip) Chip Resistor
logo
WALSIN TECHNOLOGY CORPO...
WW12K WALSIN-WW12K Datasheet
505Kb / 7P
Metal Ultra low ohm power chip resistors
WW12L WALSIN-WW12L Datasheet
573Kb / 10P
Thick Film Power Low Ohm Chip Resistor
WW12R WALSIN-WW12R Datasheet
749Kb / 11P
Metal Low Ohm Power Chip Resistors
WW12R_V WALSIN-WW12R_V Datasheet
583Kb / 9P
Metal low ohm power chip resistors
WW25Q WALSIN-WW25Q Datasheet
238Kb / 8P
Metal plate low ohm power chip resistors
WWXXD WALSIN-WWXXD Datasheet
505Kb / 8P
Metal Foil Low Ohm Power Chip Resistor
logo
List of Unclassifed Man...
RLP-K-HTS-0001-9 ETC-RLP-K-HTS-0001-9 Datasheet
238Kb / 20P
METAL-PLATE CHIP RESISTOR; LOW OHM
2015.12.25
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com